Electronic Components Datasheet Search
  English  ▼

X  

IRS2301STRPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRS2301STRPBF
Description  Floating channel designed for bootstrap operation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2301STRPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRS2301STRPBF Datasheet HTML 2Page - International Rectifier IRS2301STRPBF Datasheet HTML 3Page - International Rectifier IRS2301STRPBF Datasheet HTML 4Page - International Rectifier IRS2301STRPBF Datasheet HTML 5Page - International Rectifier IRS2301STRPBF Datasheet HTML 6Page - International Rectifier IRS2301STRPBF Datasheet HTML 7Page - International Rectifier IRS2301STRPBF Datasheet HTML 8Page - International Rectifier IRS2301STRPBF Datasheet HTML 9Page - International Rectifier IRS2301STRPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
IRS2301S
www.irf.com
© 2009 International Rectifier
6
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25°C unless otherwise specified. The VIL, VIH and IIN parameters are
referenced to COM and are applicable to the respective input leads: HIN and LIN. The VO, IO and Ron
parameters are referenced to COM and are applicable to the respective output leads: HO and LO.
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000pF, TA = 25°C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test conditions
VIH
Logic “1” input voltage
2.5
—
—
VIL
Logic “0” input voltage
—
—
0.8
V
VCC = 10V to 20V
VOH
High level output voltage, VBIAS - VO
—
—
0.2
VOL
Low level output voltage, VO
—
—
0.1
V
IO = 2mA
ILK
Offset supply leakage current
—
—
50
VB = VS = 600V
IQBS
Quiescent VBS supply current
60
160
260
IQCC
Quiescent VCC supply current
60
160
260
VIN = 0V or 5V
IIN+
Logic “1” input bias current
—
5
20
VIN = 5V
IIN-
Logic “0” input bias current
—
—
5
µA
VIN = 0V
VCCUV+
VBSUV+
VCC and VBS supply undervoltage positive
going threshold
3.3
4.1
5
VCCUV-
VBSUV-
VCC and VBS supply undervoltage negative
going threshold
3
3.8
4.7
VCCUVH
VBSUVH
Hysteresis
0.1
0.3
—
V
IO+
Output high short circuit pulsed current
—
200
—
VO = 0V,
PW ≤ 10µs
IO-
Output low short circuit pulsed current
—
350
—
mA
VO = 15V,
PW ≤ 10µs
Symbol
Definition
Min
Typ
Max
Units
Test conditions
ton
Turn-on propagation delay
—
220
300
VS = 0V
toff
Turn-off propagation delay
—
200
280
VS = 0V or 600V
MT
Delay matching, HS & LS turn-on/off
—
0
50
tr
Turn-on rise time
—
130
220
tf
Turn-off fall time
—
50
80
ns
VS = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com