Electronic Components Datasheet Search
  English  ▼

X  

RBV5000 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # RBV5000
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RBV5000 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  RBV5000 Datasheet HTML 1Page - EIC discrete Semiconductors RBV5000 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RBV5000 - RBV5010
SILICON BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 50 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* High case dielectric strength of 2000 VDC
* Ideal for printed circuit board
* Very good heat dissipation
MECHANICAL DATA :
* Case : Reliable low cost construction
utilizing molded plastic technique
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated lead solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight :
7.7 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
RBV
5000
RBV
5001
RBV
5002
RBV
5004
RBV
5006
RBV
5008
RBV
5010
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Current Tc = 55
°C
IF(AV)
50
Amps.
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
IFSM
400
Amps.
Current Squared Time at t < 8.3 ms.
I
2t
660
A
2S
Maximum Forward Voltage per Diode at IF = 25 Amps.
VF
1.1
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
200
µA
Typical Thermal Resistance (Note 1)
R
θJC
1.5
°C/W
Operating Junction Temperature Range
TJ
10
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Notes :
1. Thermal Resistance from junction to case w ith units mounted on heatsink.
UPDATE : AUGUST 3, 1998
RATING
RBV25
Dimensions in millimeters
C3
4.9
± 0.2
3.9
± 0.2
~
∅ 3.2 ± 0.1
~
0.7
± 0.1
1.0
± 0.1
2.0
± 0.2
30
± 0.3
7.5
±0.2
10
±0.2
+
7.5
±0.2


Similar Part No. - RBV5000

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
RBV5000 SYNSEMI-RBV5000 Datasheet
41Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
RBV5000 EIC-RBV5000 Datasheet
51Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
RBV5000 NJSEMI-RBV5000 Datasheet
148Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
RBV5000 EIC-RBV5000 Datasheet
405Kb / 2P
SILICON BRIDGE RECTIFIERS
Rev. 08:December 15, 2017
logo
ASEMI TECHNOLOGY., LTD
RBV5000 ASEMI-RBV5000 Datasheet
189Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results

Similar Description - RBV5000

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com