Electronic Components Datasheet Search
  English  ▼

X  

MAADSS0019 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0019
Description  Digital Attenuator, 4-Bit, Single Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0019 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0019 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0019 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0019 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAADSS0019 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Digital Attenuator, 4-Bit, Single Control
15 dB, 2.0 - 6.0 GHz
Rev. V1
MAADSS0019
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Integrated e/d Logic on chip
• Positive Single Control
• Insertion Loss 1.9 dB @ 6.0 GHz
• IP3: 42 dBm typical @ 2.0 GHz
• 1 dB Attenuation Steps to 15 dB
• Lead-Free 3 mm 16-Lead PQFN Package
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Re-flow Compatible
Description
M/A-COM’s MAADSS0019 is a 4-bit, 1-dB step
GaAs MMIC digital attenuator in a lead-free 3mm 16
lead PQFN surface mount plastic package. The
MAADSS0019 is ideally suited for use where high
accuracy, very low power consumption and low
intermodulation
products
are
required.
Typical
applications include radio, cellular, wireless LANs,
GPS equipment and other gain / level control
circuits.
The MADSS0019 is part of a digital attenuator
family. This family includes 4, 5 and 6 bit attenuators
with 0.5, 1 or 2 dB steps and up to 31.5 range.
Functional Schematic 3
3. Blocking capacitors are required on all RF ports
Pin Configuration
Ordering Information 1,2
Part Number
Package
MAADSS0019TR-3000
3000 piece reel
MAADSS0019SMB
Sample Board
2.0 - 6.0 GHz Tuning
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin No.
Function
Pin No.
Function
1
Ground
9
RF In/Out
2
Ground
10
Ground
3
RF In/Out
11
VDD
4
Ground
12
Ground
5
Ground
13
V8 (8dB Bit)
6
Ground
14
V4 (4dB Bit)
7
Ground
15
V2 (2dB Bit)
8
Ground
16
V1 (1dB Bit)
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MAADSS0019

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz
MAADSS0019SMB MA-COM-MAADSS0019SMB Datasheet
131Kb / 4P
Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz
MAADSS0019TR-3000 MA-COM-MAADSS0019TR-3000 Datasheet
131Kb / 4P
Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz
MAADSS0019 MA-COM-MAADSS0019_15 Datasheet
131Kb / 4P
Digital Attenuator
More results

Similar Description - MAADSS0019

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-264 MACOM-AT-264_1 Datasheet
200Kb / 3P
Digital Attenuator, 4-Bit, Single Control 30dB, 0.5-2.0 GHz
logo
M/A-COM Technology Solu...
MAADSS0013_V2 MA-COM-MAADSS0013_V2 Datasheet
162Kb / 4P
Digital Attenuator, 4-Bit, Single Control
AT-264-PIN MA-COM-AT-264-PIN Datasheet
154Kb / 4P
Digital Attenuator, 4-Bit, Single Control
MAADSS0012 MA-COM-MAADSS0012 Datasheet
206Kb / 5P
Digital Attenuator, 1-Bit, Single Control
MAADSS0016 MA-COM-MAADSS0016 Datasheet
162Kb / 4P
Digital Attenuator, 5-Bit, Single Control
MAADSS0018 MA-COM-MAADSS0018 Datasheet
129Kb / 4P
Digital Attenuator, 5-Bit, Single Control
AT-264 MA-COM-AT-264_15 Datasheet
653Kb / 5P
Digital Attenuator, 4-Bit, Single Control
MAADSS0012 MA-COM-MAADSS0012_15 Datasheet
755Kb / 6P
Digital Attenuator, 1-Bit, Single Control
MAADSS0016 MA-COM-MAADSS0016_15 Datasheet
700Kb / 5P
Digital Attenuator, 5-Bit, Single Control
MAATSS0019 MA-COM-MAATSS0019_15 Datasheet
724Kb / 5P
Digital Attenuator, 4-Bit, Single Control, 15 dB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com