Electronic Components Datasheet Search
  English  ▼

X  

MAAL-010704 Datasheet(PDF) 13 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-010704
Description  Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-010704 Datasheet(HTML) 13 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAL-010704 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
13
Low Noise Amplifier
0.1-3.5 GHz
MAAL-010704
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V2
Typical Noise Parameters: Vd = 5 V, 25 ºC, Z0 = 50 
Id = 30 mA
Id = 60 mA
Id = 20 mA
Freq
(GHz)
NFmin
(dB)
Γopt
Mag.
Γopt
Ang.
Rn/50
NF50 
(dB)
0.80
0.81
0.08
135.0
0.08
0.81
0.90
0.78
0.11
132.0
0.08
0.78
1.00
0.78
0.11
129.4
0.08
0.79
1.50
0.81
0.17
-175.2
0.07
0.81
2.00
0.89
0.30
-161.9
0.06
0.89
2.50
0.97
0.32
-139.7
0.08
0.97
3.00
1.14
0.34
-109.3
0.14
1.15
3.50
1.23
0.40
-92.9
0.21
1.25
4.00
1.33
0.44
-65.7
0.34
1.36
Freq
(GHz)
NFmin
(dB)
Γopt
Mag.
Γopt
Ang.
Rn/50
NF50 
(dB)
0.80
0.78
0.07
148.4
0.08
0.79
0.90
0.75
0.10
142.0
0.07
0.76
1.00
0.77
0.12
142.6
0.07
0.78
1.50
0.78
0.16
-165.7
0.07
0.79
2.00
0.87
0.30
-156.3
0.06
0.87
2.50
0.95
0.32
-135.2
0.08
0.96
3.00
1.10
0.32
-105.6
0.14
1.11
3.50
1.23
0.41
-89.1
0.20
1.25
4.00
1.31
0.47
-62.1
0.31
1.33
Freq
(GHz)
NFmin
(dB)
Γopt
Mag.
Γopt
Ang.
Rn/50
NF50 
(dB)
0.80
0.81
0.09
153.5
0.08
0.81
0.90
0.77
0.09
149.7
0.08
0.78
1.00
0.78
0.11
149.3
0.08
0.79
1.50
0.81
0.16
-160.0
0.07
0.81
2.00
0.90
0.30
-151.6
0.06
0.90
2.50
0.99
0.30
-130.2
0.09
1.00
3.00
1.16
0.31
-100.7
0.15
1.17
3.50
1.28
0.38
-88.1
0.23
1.30
4.00
1.37
0.43
-57.8
0.36
1.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com