Electronic Components Datasheet Search
  English  ▼

X  

MAAM-007239 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-007239
Description  Broadband CATV Single Ended 3-Way Active Splitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-007239 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM-007239 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Broadband CATV Single Ended 3-Way Active Splitter
50 - 1100 MHz
Rev. V1
MAAM-007239
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
IN to OUT1, IN to OUT2, IN to OUT3
dB
5.0
6.0
7.0
Gain Flatness
IN to OUT1, IN to OUT2, IN to OUT3
dB
-
1.0
1.8
Noise Figure
IN to OUT1, IN to OUT2, IN to OUT3
dB
-
4.5
5.0
Input Return Loss
IN
dB
-
15
-
Output Return Loss
OUT1, OUT2, OUT3
dB
-
20
-
Composite Triple Beat, CTB
132 channels, +15 dBmV/channel at the input
dBc
-
-77
-70
Composite Second Order, CSO
132 channels, +15 dBmV/channel at the input
dBc
-
-65
-56
Crossmodulation, XMOD
132 channels, +15 dBmV/channel at the input
dBc
-
-65
-
Reverse Isolation
OUT1 to IN, OUT2 to IN, OUT3 to IN
dB
-
23
-
Output to Output Isolation
OUT1 to OUT2 or OUT3
dB
-
22
-
P1dB
400 MHz
dBm
-
17
-
OIP3
50 MHz / 1 GHz
Two Tones at 6 MHz Spacing, PIN = -10 dBm per Tone
dBm
-
23
-
OIP2
50 MHz / 1 GHz
Two Tones at 6 MHz Spacing, PIN = -10 dBm per Tone
dBm
-
48
-
IDD
VDD= +5 Volts
mA
-
125
150
Low Current Configuration
Electrical Specifications: F = 50 - 1000 MHz, TA = 25° C, VDD = +5 Volts, Z0 = 75 Ω
High Isolation Configuration
Typical Performance: F = 50 - 1000 MHz, TA = 25° C, VDD = +5 Volts, Z0 = 75 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
IN to OUT1, IN to OUT2, IN to OUT3
dB
-
4.6
-
Gain Flatness
IN to OUT1, IN to OUT2, IN to OUT3
dB
-
0.8
-
Noise Figure
IN to OUT1, IN to OUT2, IN to OUT3
dB
-
4.5
-
Input Return Loss
IN
dB
-
17
-
Output Return Loss
OUT1, OUT2, OUT3
dB
-
12
-
Composite Triple Beat, CTB
132 channels, +15 dBmV/channel at the input
dBc
-
-83
-
Composite Second Order, CSO
132 channels, +15 dBmV/channel at the input
dBc
-
-70
-
Crossmodulation, XMOD
132 channels, +15 dBmV/channel at the input
dBc
-
-65
-
Reverse Isolation
OUT1 to IN, OUT2 to IN, OUT3 to IN
dB
-
25
-
Output to Output Isolation
OUT1 to OUT2 or OUT3
dB
-
32
-
P1dB
400 MHz
dBm
-
19
-
OIP3
50 MHz / 1 GHz
Two Tones at 6 MHz Spacing, PIN = -10 dBm per Tone
dBm
-
27
-
OIP2
50 MHz / 1 GHz
Two Tones at 6 MHz Spacing, PIN = -10 dBm per Tone
dBm
-
52
-
IDD
VDD= +5 Volts
mA
-
210
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com