Electronic Components Datasheet Search
  English  ▼

X  

LCE15 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # LCE15
Description  LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

LCE15 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  LCE15 Datasheet HTML 1Page - EIC discrete Semiconductors LCE15 Datasheet HTML 2Page - EIC discrete Semiconductors LCE15 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LCE SERIES
LOW CAPACITANCE
TRANSIENT VOLTAGE
VBR : 6.5 - 90 Volts
SUPPRESSOR
PPK : 1500 Watts
FEATURES :
* 1500W Peak Pulse Surge reverse
capability on 10/1000
µs waveform
* Excellent clamping capability
* Low incremental surge resistance
* Fast response time : typically less than 5.0 ns
from 0 volts to BV
MECHANICAL DATA
* Case : DO-201AD Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity : Color band denotes positive end on the
Transorb (cathode)
* Mounting position : Any
* Weight : 0.93 gram
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Pulse Power Dissipation on 10/1000
µs
waveform (Note 1, Figure 1)
Steady State Power Dissipation at TL = 75
°C
Lead Lengths 0.375", (9.5mm) (Note 2)
Peak Forward Surge Current on 10/1000
µs
Waveform (Fig. 3, Note 1)
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 175
°C
Note :
(1) Non-repetitive Current pulse, per Fig. 3 and derated above Ta = 25
°C per Fig. 2
(2) 8.3 ms single half sine-wave, duty cycle = 4 pulses per minutes maximum.
UPDATE : MARCH 29, 2002
PPPM
Minimum 1500
Watts
IFSM
See Table 1.
Amps.
PD
5.0
Watts
DO-201
0.375 (9.53)
0.285 (7.24)
0.21 (5.33)
0.19 (4.83)
0.042 (1.07)
0.038 (0.97)
Dimensions in inches and (millimeters)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.


Similar Part No. - LCE15

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LCE15 MICROSEMI-LCE15 Datasheet
85Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
Vishay Siliconix
LCE15 VISHAY-LCE15 Datasheet
93Kb / 5P
Low Capacitance TRANSZORB® Transient Voltage Suppressors
20-Oct-08
logo
MDE Semiconductor, Inc.
LCE15 MDE-LCE15 Datasheet
52Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
LCE15 TAYCHIPST-LCE15 Datasheet
7Mb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
LCE15 SOCAY-LCE15 Datasheet
325Kb / 5P
Axial Lead Transient Voltage Suppressors
More results

Similar Description - LCE15

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
LCE6.5 MDE-LCE6.5 Datasheet
52Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SAC5.0 MDE-SAC5.0 Datasheet
72Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE EIC-SMCJLCE Datasheet
128Kb / 4P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
LCE6.5A TAYCHIPST-LCE6.5A Datasheet
7Mb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
TV05B5V0P-G COMCHIP-TV05B5V0P-G Datasheet
113Kb / 5P
Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
SAC NJSEMI-SAC Datasheet
161Kb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LCE NJSEMI-LCE Datasheet
279Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com