Electronic Components Datasheet Search
  English  ▼

X  

SCK240N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCK240N
Description  Low VF Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCK240N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCK240N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCK240N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCK240N
40 V, 1.5A
Low VF Schottky Barrier Rectifiers
23-Oct-2013 Rev. A
Page 1 of 2

Cathode

Anode
E
E
F
B
C
D
A
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Batch process design, excellent power dissipation offers
Better reverse leakage current and thermal resistance.
Guardring for overvoltage protection.
Very tiny plastic SMD package.
Super Low Forward Voltage
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500/228
PACKAGING INFORMATION
Epoxy: UL94-V0 rated flame retardant
Case: Molded plastic, SOD323N
Terminals: Plated terminals,
solderable per MIL-STD-750, method 2026.
MARKING CODE
L4
PACKAGE INFORMATION
MAXIMUM RATINGS (Ta = 25°C unless otherwise specified.)
Parameter
Symbol
Rating
Unit
Repetitive Peak Reverse Voltage
VRRM
40
V
Maximum RMS Voltage
VRMS
28
V
Maximum Reverse Voltage@ IR=1mA
VR
40
V
Maximum Forward Rectified Current
IO
1.5
A
Peak Forward Surge Current, 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
30
A
Typical Thermal Resistance
RJA
80
°C/W
Storage and Operating Temperature Range
TSTG, TJ
-55~100, -65~175
°C
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Typ.
Max.
Unit
Test Condition
240
250
IF=100mA
300
350
IF=500mA
Maximum Instantaneous Forward Voltage
VF
430
450
mV
IF=2A
Maximum DC Reverse Current
at Rated DC Blocking Voltage
IR
65
100
μA
TJ=25°C
Typical Junction Capacitance
1
CJ
130
-
pF
Note:
1. f=1MHz and applied 4V DC reverse voltage
Package
MPQ
Leader Size
SOD-323N
3K
7 inch
SOD-323N
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.30
2.70
D
1.7
2.1
B
1.05
1.45
E
0.4 TYP
C
0.80
1.20
F
0.30 TYP


Similar Part No. - SCK240N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCK240N SECOS-SCK240N_15 Datasheet
277Kb / 2P
Low VF Schottky Barrier Rectifiers
More results

Similar Description - SCK240N

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SBL1030 SIRECTIFIER-SBL1030 Datasheet
82Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL1050CT SIRECTIFIER-SBL1050CT Datasheet
102Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL1630PT SIRECTIFIER-SBL1630PT Datasheet
125Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL1650PT SIRECTIFIER-SBL1650PT Datasheet
125Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL3030CT SIRECTIFIER-SBL3030CT Datasheet
100Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL3050PT SIRECTIFIER-SBL3050PT Datasheet
124Kb / 2P
Low VF Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB3100L PANJIT-SB3100L Datasheet
399Kb / 4P
LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Juxing Electr...
MBR20100L JUXING-MBR20100L Datasheet
2Mb / 2P
Low VF Schottky Barrier Rectifiers
logo
Microdiode Semiconducto...
MBRD1045LT CHENDA-MBRD1045LT Datasheet
919Kb / 4P
LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Juxing Electr...
MBR30200L JUXING-MBR30200L Datasheet
1Mb / 2P
Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com