Electronic Components Datasheet Search
  English  ▼

X  

SF31G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SF31G
Description  3.0 Amp Glass Passivated Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SF31G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SF31G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SF31G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SF31G ~ SF35G
Voltage 50V ~ 600V
3.0 Amp Glass Passivated Super Fast Rectifiers
13-Aug-2013 Rev. F
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Good for switching mode application
PACKAGING INFORMATION
Glass Passivated
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 1.1050 grams (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SF
31G
SF
32G
SF
33G
SF
34G
SF
35G
Unit
Maximum Recurrent Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
V
Maximum Instantaneous Forward Voltage
@ IF=3A
VF
0.95
1.3
1.70
V
Maximum Average Forward
Rectified Current @0.375” (9.5mm) lead
length @ TL=55°C
IO
3
A
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
IFSM
125
A
TJ=25°C
5.0
Maximum DC Reverse
Current
TJ=125°C
IR
250
μA
Maximum Reverse Recovery Time
1
TRR
35
nS
Typical Thermal Resistance
R θJA
50
°C / W
Typical Junction Capacitance
2
CJ
60
pF
Storage Temperature Range
TSTG
-55~150
°C
Note:
1.
IF=0.5A, IR=1.0A, IRR=0.25A
2.
f=1MHz and applied 4V DC reverse voltage
A
C
B
A
D
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
7.20
9.53
C
4.80
5.60
D
1.20
1.32
DO-27


Similar Part No. - SF31G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF31G JGD-SF31G Datasheet
171Kb / 2P
3.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF31G TSC-SF31G Datasheet
72Kb / 2P
3.0 AMPS. Ultra Fast Recovery Rectifiers
SF31G TSC-SF31G Datasheet
258Kb / 2P
3.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
SF31G BILIN-SF31G Datasheet
159Kb / 2P
GLASS PASSIVATED RECTIFIERS
logo
MIC GROUP RECTIFIERS
SF31G MIC-SF31G Datasheet
52Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
More results

Similar Description - SF31G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
UF5400G JGD-UF5400G Datasheet
165Kb / 2P
3.0 AMP. GLASS PASSIVATED ULTRA FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
FR301G LUGUANG-FR301G Datasheet
178Kb / 2P
3.0 AMP. Glass Passivated Fast Recovery Rectifiers
logo
WILLAS ELECTRONIC CORP
SF31G WILLAS-SF31G Datasheet
276Kb / 2P
3.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
FM301 WILLAS-FM301 Datasheet
307Kb / 2P
3.0 Amp Glass Passivated Super Fast Rectifiers - 50~1000Volts
FM301B WILLAS-FM301B Datasheet
319Kb / 2P
3.0 Amp Glass Passivated Super Fast Rectifiers - 50~1000Volts
logo
Shenzhen Luguang Electr...
SF31G LUGUANG-SF31G Datasheet
195Kb / 2P
3.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF31G GWSEMI-SF31G Datasheet
72Kb / 2P
3.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF31G SECOS-SF31G_15 Datasheet
207Kb / 2P
3.0 Amp Glass Passivated Super Fast Rectifiers
logo
DIYI Electronic Technol...
SF31G DYELEC-SF31G Datasheet
612Kb / 2P
3.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
PACELEADER INDUSTRIAL
SF31G PACELEADER-SF31G Datasheet
550Kb / 2P
3.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com