Electronic Components Datasheet Search
  English  ▼

X  

SVPC Datasheet(PDF) 2 Page - Panasonic Battery Group

Part # SVPC
Description  RoHS directive Halogen-Free Compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

SVPC Datasheet(HTML) 2 Page - Panasonic Battery Group

  SVPC Datasheet HTML 1Page - Panasonic Battery Group SVPC Datasheet HTML 2Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
43
44
OS-CON
Line-up
Guidelines and
precautions
Series system
diagram
Recommended
soldering
condition
Fundamental
structure
Characteristics
Reliability
Catalog Deletion and
EOL series
SXV
SVPG
SVPF
SVPE
SVPS
SVPD
SVPC
SVPB
SVPA
SVQP
SVP
SXE
SEPF
SEPC
SEQP
SEP
Image of
case size
Products list
Packing
specifications
(SMD type)
Packing
specifications
(Radial lead type)
POSCAP
Line-up
Guidelines and
precautions
Catalog Deletion and
EOL models
Selection guide
Technical data
Surface mount type
Catalog Deletion and
EOL series
SEP
SEQP
SEPC
SEPF
SXE
SXV
SVPG
SVPF
SVPE
SVPS
SVPD
SVPC
SVPB
SVPA
SVQP
SVP
Reliability
Characteristics
Fundamental
structure
Recommended
soldering
condition
Packing
specifications
(Radial lead type)
Packing
specifications
(SMD type)
Products list
Image of
case size
Series system
diagram
Guidelines and
precautions
OS-CON
Line-up
Guidelines and
precautions
POSCAP
Line-up
Catalog Deletion and
EOL models
Surface mount type
Technical data
Selection guide
Surface
mount type
Series
Specifications
SVPC series characteristics list
SVPC
RoHS directive/Halogen-free compliant
Low ESR(9mΩ∼ 30mΩ)
Large capacitance(2,700μF)
Frequency coefficient for ripple current
Recommended land pattern dimension of PWB
Frequency
Coefficient
120Hz≦ f <1kHz
0.05
1kHz≦ f <10kHz
0.3
10kHz≦ f <100kHz
0.7
100kHz≦ f ≦500kHz
1
Marking and dimensions
Size list
RV : Rated voltage
※1 In case of some problems for measured values, measure after applying rated voltage for 120 minutes at 105℃.
※2 Please refer to page 25 for reflow soldering conditions.
Endurance
Characteristics of impedance
ratio at high temp.
and low temp.
Damp heat(Steady state)
Resistance to soldering heat※2
△C/C
DF
ESR
LC
△C/C
DF
ESR
LC
△C/C
DF
ESR
LC
−55℃
+105℃
Z/Z20℃
Z/Z20℃
−55 to +105
M : ±20
Please see the attached characteristics list
Please see the attached characteristics list
Please see the attached characteristics list
2.5
3.3
4.0
5.2
6.3
8.2
10
12
16
18
Specifications
Items
Rated voltage
Surge voltage
Category temperature range
Capacitance tolerance
Dissipation Factor (DF)
Leakage current※1
Equivalent series resistance (ESR)
(V)
(V)
(℃)
(%)
105℃, 2,000h,
Rated voltage applied
Based the value at
100kHz, +20℃
60℃, 90 to 95%RH,
1,000h,
No-applied voltage
VPS (230℃ X 75s)
Condition
−
Room temperature
−
120Hz/20℃
120Hz/20℃
Rated voltage applied, after 2 minutes
100kHz/20℃
0.75 to 1.25
0.75 to 1.25
Within ±20% of the initial value
Within 1.5 times of the initial limit
Within 1.5 times of the initial limit
Within the initial limit
Within ±20% of the initial value
Within 1.5 times of the initial limit
Within 1.5 times of the initial limit
Within the initial limit (after voltage processing)
Within ±10% of the initial value (±15% for 2.5V 4.0V)
Within 1.3 times of the initial limit
Within 1.3 times of the initial limit
Within the initial limit (after voltage processing)
RV
μF
2.5
4.0
6.3
10
16
39
68
100
120
150
180
220
270
330
390
560
680
820
1,200
1,500
2,700
B6
C6
C6
E7
E12
E12
F12
B6
C6
E7、E12
E12
E12
B6
B6
C6
C6
E7
E12
B6
C6
E7
E7
B6
C6
C6
E7
E7
E12
(unit : mm)
φD ±0.5
W ±0.2 H ±0.2 C ±0.2 R P ±0.2
Size
code
L +0.1
−0.4
L
R
W
0.2max
(+)
003
SVPC
120
16
Case No.
Polarity marking
(Cathode)
Series
B6, C6 size is
PC, E7, E12, F12
size is SVPC
Rated capacitance
Rated voltage
B6
C6
E7
E12
F12
5.0
6.3
8.0
8.0
10.0
5.9
5.9
6.9
11.9
12.6
5.3
6.6
8.3
8.3
10.3
5.3
6.6
8.3
8.3
10.3
6.0
7.3
9.0
9.0
11.0
0.6∼0.8
0.6∼0.8
0.6∼0.8
0.8∼1.1
0.8∼1.1
1.4
2.1
3.2
3.2
4.6
※ Red letters : New models
Size code
a
b
c
(
unit : mm)
B6
C6
E7
E12
F12
1.4
2.1
2.8
2.8
4.3
7.4
9.1
11.1
11.1
13.1
1.6
1.6
1.9
1.9
1.9
a
b
B6
Size
code
ESR (mΩ) (max)
100kHz/20℃ 300kHz/20℃※1
C6
E7
E12
F12
Rated
ripple current
100kHz (mArms) at 105℃
DF
(% max)
Rated
voltage
(V)
Leakage current
(μA)(max)
After 2 minutes
16SVPC39M
16SVPC39MV
10SVPC68M
10SVPC68MV
6SVPC100M
6SVPC100MY
6SVPC120MV
4SVPC150M
4SVPC150MY
4SVPC150MV
2R5SVPC180M
2R5SVPC180MY
2R5SVPC180MV
16SVPC68M
16SVPC68MV
16SVPC100M
10SVPC120M
10SVPC120MV
6SVPC220M
6SVPC220MV
6SVPC330M
4SVPC330M
4SVPC330MY
4SVPC330MV
2R5SVPC390M
2R5SVPC390MV
2R5SVPC560M
16SVPC120M
16SVPC150M
10SVPC270M
10SVPC330M
6SVPC390M
4SVPC560M
2R5SVPC680M
16SVPC270M
6SVPC820M
4SVPC560MX
4SVPC1200M
4SVPC1500M
2R5SVPC820M
2R5SVPC1500M
2R5SVPC2700M
16
16
10
10
6.3
6.3
6.3
4.0
4.0
4.0
2.5
2.5
2.5
16
16
16
10
10
6.3
6.3
6.3
4.0
4.0
4.0
2.5
2.5
2.5
16
16
10
10
6.3
4.0
2.5
16
6.3
4.0
4.0
4.0
2.5
2.5
2.5
39
39
68
68
100
100
120
150
150
150
180
180
180
68
68
100
120
120
220
220
330
330
330
330
390
390
560
120
150
270
330
390
560
680
270
820
560
1200
1500
820
1500
2700
35
27
30
23
30
25
21
30
23
20
30
24
19
30
25
24
27
22
27
15
17
27
21
15
25
15
16
27
22
22
19
22
22
20
16
12
9
12
12
9
10
12
30
23
26
20
26
21
18
26
20
17
26
20
16
26
22
23
23
19
23
13
15
23
18
13
22
13
14
23
21
19
17
19
19
17
14
10
8
10
10
8
9
10
1820
2350
1970
2540
1970
2150
2660
1970
2240
2730
1970
2200
2800
2200
2440
2490
2320
2600
2320
3160
3390
2320
2630
3160
2410
3160
3500
2900
3220
3220
3460
3220
3220
3370
4070
4700
5380
4700
4700
5380
5150
5070
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
15
15
15
15
15
15
15
15
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
415
300
300
300
300
300
300
500
500
500
660
491
500
500
864
1033
500
960
1200
500
750
1350
※1 The ESR value in 300kHz is a reference one.
Rated
capacitance
(μF)
Part number
Update



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com