Electronic Components Datasheet Search
  English  ▼

X  

STT3808NE Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3808NE
Description  N-Channel Enhancement Mode Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3808NE Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STT3808NE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3808NE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3808NE Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3808NE Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
STT3808NE
6A , 20V , RDS(ON) 20 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode Mos.FET
18-Oct-2013 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Gate- Source Threshold Voltage
VGS(th)
0.4
-
-
V
VDS=VGS, ID=250µA
Gate-Body Leakage
IGSS
-
-
±10
nA
VDS=0, VGS= ±8V
-
-
1
VDS=16V, VGS=0 V
Zero Gate Voltage Drain Current
IDSS
-
-
30
µA
VDS=16V, VGS=0 V, TJ= 85°C
On-State Drain Current
ID(on)
10
-
-
A
VDS =5V, VGS=4.5V
-
-
20
VGS=4.5V, ID=6A
Drain-Source On-Resistance
RDS(ON)
-
-
28
m
VGS=2.5V, ID=5A
Forward Transconductance
gfs
-
10
-
S
VDS=15V, ID=6A
Diode Forward Voltage
VSD
-
0.7
-
V
IS=1A, VGS=0V
Dynamic
Total Gate Charge
Qg
-
13.5
-
Gate-Source Charge
Qgs
-
0.9
-
Gate-Drain Charge
Qgd
-
5.4
-
nC
VDS=10V,
VGS=4.5V,
ID=6A
Turn-on Delay Time
Td(on)
-
6
-
Rise Time
Tr
-
12
-
Turn-off Delay Time
Td(off)
-
65
-
Fall Time
Tf
-
35
-
nS
VDD=10V,
VGEN=4.5V,
RGEN=6 ,
RL=10 ,
ID=1A
Input Capacitance
Ciss
-
680
-
Output Capacitance
Coss
-
144
-
Reverse Transfer Capacitance
Crss
-
137
-
pF
VDS = 10 V,
VGS = 0 V,
f = 1 MHz
Notes
1. Pulse test:PW≦300µs duty cycle≦2%.
2. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com