Electronic Components Datasheet Search
  English  ▼

X  

NX7301BA Datasheet(PDF) 2 Page - California Eastern Labs

Part # NX7301BA
Description  LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7301BA Datasheet(HTML) 2 Page - California Eastern Labs

  NX7301BA Datasheet HTML 1Page - California Eastern Labs NX7301BA Datasheet HTML 2Page - California Eastern Labs NX7301BA Datasheet HTML 3Page - California Eastern Labs NX7301BA Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS1
(TC = 25°C, unless otherwise specified)
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
NX7301BA-CC, NX7301CA-CC
SYMBOLS
PARAMETERS
UNITS RATINGS
Pf
Optical Output Power from Fiber
mW
0.5
IF
Forward Current of LD
mA
150
VR
Reverse Voltage of LD
V
2.0
IF
Forward Current of PD
mA
10
VR
Reverse Voltage of PD
V
20
TC
Operating Case Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-40 to +85
TSLD
Lead Soldering
Temperature (10 s)
°C
260
RH
Relative Humidity
(noncondensing)
%
85
PARAMETER DEFINITIONS
γ = |10 log
| [dB]
Pf
0.2
LINm =
x 100 [%]
|dPL
|
PL
dPL = dPo MAX
0.02 < PK < 0.2 (mW)
kink =
x 100 [%]
|dPK|
PK
dPK = dPo MAX
PK ≤ 0.24 (mW)
Kink : kink
Linearity : LINm
Tracking Error : γγγγγ
0.24
PK
0
IF - Pf
dPo
dPK
IF - ηd
IF
(mA)
(mW)
Pf
PK
0
dPo
dPL
Pf
Im
(mA)
(mW)
0.02
PL
0.2
0
Pf
Im
Im
(mA)
(mW)
Pf
0.2
TC = 25°C
TC = -40 to +85C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com