Electronic Components Datasheet Search
  English  ▼

X  

2SC5614 Datasheet(PDF) 1 Page - California Eastern Labs

Part # 2SC5614
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5614 Datasheet(HTML) 1 Page - California Eastern Labs

  2SC5614 Datasheet HTML 1Page - California Eastern Labs 2SC5614 Datasheet HTML 2Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NE856M13
NPN SILICON TRANSISTOR
•
NEW MINIATURE M13 PACKAGE:
– Small transistor outline –
1.0 X 0.5 X 0.5 mm
– Low profile / 0.50 mm package height
– Flat lead style for better RF performance
•
LOW NOISE FIGURE:
NF = 1.4 dB at 1 GHz
•
HIGH COLLECTOR CURRENT:
IC MAX = 100 mA
FEATURES
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE M13
PRELIMINARY DATA SHEET
PART NUMBER
NE856M13
EIAJ1 REGISTERED NUMBER
2SC5614
PACKAGE OUTLINE
M13
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
fT
Gain Bandwidth at VCE = 3 V, IC = 7 mA, f = 1 GHz
GHz
3
4.5
NF
Noise Figure at VCE = 3 V, IC = 7 mA, f = 1 GHz
dB
1.4
2.5
|S21E|2
Insertion Power Gain at VCE = 3 V, IC = 7 mA, f = 1 GHz
dB
7
10
hFE2
Forward Current Gain at VCE = 3 V, IC = 7 mA
80
145
ICBO
Collector Cutoff Current at VCB = 10 V, IE = 0
µA1
IEBO
Emitter Cutoff Current at VEB = 1 V, IC = 0
µA1
CRE3
Feedback Capacitance at VCB = 3 V, IE = 0, f = 1 MHz
pF
0.7
1.5
ELECTRICAL CHARACTERISTICS (TA = 25°C)
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector
California Eastern Laboratories
Notes:
1. Electronic Industrial Association of Japan.
2. Pulsed measurement, pulse width
≤ 350 µs, duty cycle ≤ 2 %.
3. Capacitance is measured with emitter and case connected to the guard terminal at the bridge.
DESCRIPTION
The NE856M13 transistor is designed for low cost amplifier
and oscillator applications. Low noise figure, high gain and high
current capability equate to wide dynamic range and excellent
linearity. NEC's new low profile/flat lead style "M13" package
is ideal for today's portable wireless applications. The NE856
is also available in chip, Micro-x, and eight different low cost
plastic surface mount package styles.
+0.1
–0.05
+0.1
–0.05
+0.1
–0.05
0.5
3
0.1
0.1
1
2
1.0
+0.1
–0.05
+0.1
–0.05
0.3
0.35
0.35
0.7
0.15
+0.1
–0.05
0.15
0.2
0.2
0.2
0.125
0.5
±0.05
Bottom View
1
2
3


Similar Part No. - 2SC5614

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5610 SANYO-2SC5610 Datasheet
51Kb / 5P
DC/DC Converter Applications
2SC5611 SANYO-2SC5611 Datasheet
41Kb / 4P
60V / 5A High-Speed Switching Applications
logo
Toshiba Semiconductor
2SC5612 TOSHIBA-2SC5612 Datasheet
768Kb / 6P
NPN TRILE DIFFUSED MESA TYPE HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV
logo
List of Unclassifed Man...
2SC5619 ETC-2SC5619 Datasheet
146Kb / 3P
SMALL-SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
2SC5619 ISAHAYA-2SC5619 Datasheet
236Kb / 5P
SMALL-SIGNAL TRANSISTOR
More results

Similar Description - 2SC5614

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com