Electronic Components Datasheet Search
  English  ▼

X  

PPFS19003 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PPFS19003
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PPFS19003 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PPFS19003 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO.
PPFS19003
NOTES
Material: 16GA. Steel (0.60").
Mounting hardware not included.
Ventilated Louver Panel
4X
0.25 in X 0.53 in
[6 mm X 13 mm]
SLOT
18.19 in
462 mm
3.00 in
76 mm
3.47 in
88 mm
19.00 in
483 mm
.06 in
1 mm
PART NUMBERS
PPFS19003BK2
PAINTED BLACK (SEMI-GLOSS)
PPFS19003CG2
PAINTED RAL7032 GRAY (SEMI-GLOSS)
PPFS19003LG2
PAINTED RAL7035 GRAY (SEMI-GLOSS)
O
.18 in
4 mm


Similar Part No. - PPFS19003

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PPFS19003BK2 HAMMOND-PPFS19003BK2 Datasheet
67Kb / 1P
Panneaux pour batis en acier perfores
PPFS19003LG2 HAMMOND-PPFS19003LG2 Datasheet
67Kb / 1P
Panneaux pour batis en acier perfores
More results

Similar Description - PPFS19003

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1487DV1 HAMMOND-1487DV1 Datasheet
155Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487DV2 HAMMOND-1487DV2 Datasheet
152Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E12SS HAMMOND-1487E12SS Datasheet
55Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E24 HAMMOND-1487E24 Datasheet
167Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E48 HAMMOND-1487E48 Datasheet
188Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E120 HAMMOND-1487E120 Datasheet
190Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EHSS HAMMOND-1487EHSS Datasheet
14Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EK HAMMOND-1487EK Datasheet
94Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EL2SS HAMMOND-1487EL2SS Datasheet
16Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EM6 HAMMOND-1487EM6 Datasheet
133Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com