Electronic Components Datasheet Search
  English  ▼

X  

SA6.0 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SA6.0
Description  TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SA6.0 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SA6.0 Datasheet HTML 1Page - EIC discrete Semiconductors SA6.0 Datasheet HTML 2Page - EIC discrete Semiconductors SA6.0 Datasheet HTML 3Page - EIC discrete Semiconductors SA6.0 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SA5.0 - SA170A
TRANSIENT VOLTAGE
SUPPRESSOR
VBR : 6.8 - 200 Volts
PPK : 500 Watts
FEATURES :
* 500W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time : typically less
then 1.0 ps from 0 volt to VBR(min.)
* Typical IR less then 1µA above 10V
MECHANICAL DATA
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity : Color band denotes cathode end except Bipolar.
* Mounting position : Any
* Weight : 0.339 gram
DEVICES FOR BIPOLAR APPLICATIONS
For bi-directional use C or CA Suffix
Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Power Dissipation at Ta = 25
°C, Tp=1ms (Note1)
PPK
Minimum 500
Watts
Steady State Power Dissipation at TL = 75
°C
Lead Lengths 0.375", (9.5mm) (Note 2)
PD
3.0
Watts
Peak Forward Surge Current, 8.3ms Single Half
Sine-Wave Superimposed on Rated Load
(JEDEC Method) (Note 3)
IFSM
70
Amps.
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 175
°C
Note :
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25
°C per Fig. 1
(2) Mounted on Copper Leaf area of 1.57 in
2 (40mm2).
(3) 8.3 ms single half sine-wave, duty cycle = 4 pulses per minutes maximum.
UPDATE : SEPTEMBER 18, 2000
DO-41
Dimensions in inches and (millimeters)
0.205 (5.20)
0.160 (4.10)
1.00 (25.4)
MIN.
0.107 (2.74)
0.080 (2.03)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.


Similar Part No. - SA6.0

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA6.0 PANJIT-SA6.0 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA6.0 WTE-SA6.0 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA6.0 BYTES-SA6.0 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA6.0 DCCOM-SA6.0 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SA6.0 MCC-SA6.0 Datasheet
431Kb / 6P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

Similar Description - SA6.0

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04_14 Datasheet
209Kb / 6P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com