Electronic Components Datasheet Search
  English  ▼

X  

ECOS2DB391CA Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECOS2DB391CA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS2DB391CA Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECOS2DB391CA Datasheet HTML 1Page - Panasonic Semiconductor ECOS2DB391CA Datasheet HTML 2Page - Panasonic Semiconductor ECOS2DB391CA Datasheet HTML 3Page - Panasonic Semiconductor ECOS2DB391CA Datasheet HTML 4Page - Panasonic Semiconductor ECOS2DB391CA Datasheet HTML 5Page - Panasonic Semiconductor ECOS2DB391CA Datasheet HTML 6Page - Panasonic Semiconductor ECOS2DB391CA Datasheet HTML 7Page - Panasonic Semiconductor ECOS2DB391CA Datasheet HTML 8Page - Panasonic Semiconductor ECOS2DB391CA Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Panasonic Industrial Company
Aluminum Electrolytic Capacitors
16
Design and specifications are subject to change without notice.
Contact the factory or your sales representative for technical specifications before purchase and/or use.
When safety concerns arise, please contact Panasonic immediately for technical consultation.
TS-UP Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
3300
22 x 25
2.29
2.63
0.111
0.083
25 x 20
1.70
1.96
0.121
0.090
3900
22 x 25
2.71
3.12
0.094
0.070
4700
22 x 30
3.26
3.75
0.078
0.058
25 x 25
3.26
3.75
0.078
0.058
30 x 20
2.00
2.30
0.088
0.066
5600
22 x 30
3.36
3.86
0.080
0.060
25 x 25
3.36
3.86
0.080
0.060
6800
22 x 35
3.68
4.23
0.066
0.049
25 x 30
3.68
4.23
0.066
0.049
35 x 20
2.40
2.76
0.071
0.053
8200
22 x 40
4.00
4.60
0.057
0.042
25 x 35
4.00
4.60
0.057
0.042
10000
22 x 45
4.42
5.08
0.050
0.037
25 x 40
4.42
5.08
0.050
0.037
30 x 30
4.42
5.08
0.050
0.037
35 x 25
4.42
5.08
0.050
0.037
12000
25 x 45
5.05
5.81
0.044
0.033
30 x 35
5.05
5.81
0.044
0.033
35 x 30
5.05
5.81
0.044
0.033
15000
25 x 50
5.57
6.41
0.036
0.027
30 x 40
5.57
6.41
0.036
0.027
35 x 30
5.57
6.41
0.036
0.027
18000
30 x 45
5.68
6.53
0.030
0.023
35 x 35
5.68
6.53
0.030
0.023
22000
30 x 50
6.10
7.02
0.026
0.020
35 x 40
6.10
7.02
0.026
0.020
27000
35 x 45
6.84
7.87
0.021
0.017
33000
35 x 50
7.15
8.22
0.018
0.014
1500
22 x 20
1.20
1.38
0.254
0.191
22 x 25
1.24
1.43
0.221
0.166
2200
22 x 25
1.82
2.09
0.151
0.113
25 x 20
1.40
1.61
0.173
0.130
2700
22 x 25
2.23
2.56
0.123
0.092
3300
22 x 30
2.73
3.14
0.100
0.075
25 x 25
2.73
3.14
0.100
0.075
30 x 20
1.70
1.96
0.116
0.087
3900
22 x 30
2.75
3.16
0.085
0.064
25 x 25
2.75
3.16
0.085
0.064
4700
22 x 35
3.03
3.48
0.071
0.053
25 x 30
3.03
3.48
0.071
0.053
30 x 25
3.03
3.48
0.071
0.053
35 x 20
2.10
2.42
0.081
0.061
5600
22 x 40
3.42
3.93
0.059
0.044
25 x 35
3.42
3.93
0.059
0.044
30 x 30
3.42
3.93
0.059
0.044
6800
22 x 50
3.85
4.43
0.049
0.037
25 x 40
3.85
4.43
0.049
0.037
30 x 30
3.85
4.43
0.049
0.037
8200
25 x 45
4.41
5.07
0.040
0.030
30 x 35
4.41
5.07
0.040
0.030
10000
25 x 50
4.97
5.72
0.036
0.027
30 x 40
4.97
5.72
0.036
0.027
35 x 30
4.97
5.72
0.036
0.027
12000
30 x 45
5.58
6.42
0.032
0.024
35 x 35
5.58
6.42
0.032
0.024
15000
30 x 50
6.44
7.41
0.028
0.021
35 x 40
6.44
7.41
0.028
0.021
18000
35 x 45
6.94
7.98
0.023
0.018
22000
35 x 50
7.57
8.71
0.021
0.017
1000
22 x 20
1.20
1.38
0.381
0.286
ECEC1VP183DA
4.0mm Length Terminal
ECEC1HP332DL
ECEC1HP392BA
ECEC1HP392CA
ECEC1HP222CL
ECEC1HP332CA
ECEC1VP223DA
ECEC1VP223EA
ECOS1VP223DA
ECOS1VP223EA
ECEC1VP392BA
ECEC1VP472BA
ECEC1VP472CA
ECEC1VP472DL
ECEC1VP103BA
ECEC1VP103CA
ECEC1VP103DA
ECEC1VP103EA
ECEC1VP682CA
ECEC1VP682EL
ECEC1VP822BA
ECEC1VP822CA
ECEC1VP332CL
35 VDC Working, 44 VDC Surge (continued)
Size (mm)
ECOS1VP682EL
D x L
ECEC1HP272BA
ECEC1HP332BA
ECOS1VP392BA
ECOS1VP472BA
ECOS1VP273EA
ECOS1VP472CA
ECOS1VP472DL
ECOS1VP562BA
ECOS1VP332BA
ECOS1VP332CL
Panasonic Part Number (By Terminal Length)
Part numbers shown with 2 pins
6.3mm Length Terminal
ECEC1VP332BA
ECOS1VP822BA
ECOS1HP332BA
ECEC1VP333EA
ECEC1HP152BL
50 VDC Working, 63 VDC Surge
ECOS1HP152BL
ECOS1HP152BA
ECEC1HP222BA
ECEC1HP152BA
ECOS1HP222CL
ECOS1HP103EA
Max 85°C R.C. (Arms)
20°C ESR ( , max.)
63 VDC Working, 79 VDC Surge
ECEC1VP562BA
ECOS1VP562CA
ECOS1VP682BA
ECOS1VP682CA
ECEC1VP562CA
ECEC1VP682BA
ECOS1HP392CA
ECEC1JP102BL
ECOS1HP472BA
ECOS1HP472CA
ECOS1HP472DA
ECOS1HP472EL
ECOS1HP562BA
ECOS1HP562DA
ECOS1HP332CA
ECOS1HP332DL
ECOS1HP392BA
ECOS1JP102BL
ECOS1HP562CA
ECOS1VP822CA
ECOS1VP103BA
ECOS1VP103CA
ECOS1VP103DA
ECOS1VP103EA
ECOS1VP123DA
ECOS1VP123EA
ECOS1VP123CA
ECEC1VP123DA
ECEC1VP123CA
ECEC1VP123EA
ECEC1VP153CA
ECEC1VP153DA
ECOS1HP222BA
ECOS1VP333EA
ECOS1VP153DA
ECOS1VP153EA
ECOS1VP183DA
ECOS1VP183EA
ECEC1VP273EA
ECEC1VP153EA
ECEC1VP183EA
ECOS1VP153CA
ECOS1HP822DA
ECOS1HP103CA
ECOS1HP103DA
ECOS1HP682BA
ECOS1HP682CA
ECOS1HP682DA
ECOS1HP822CA
ECOS1HP272BA
ECOS1HP123DA
ECOS1HP123EA
ECOS1HP153DA
ECOS1HP153EA
ECOS1HP183EA
ECOS1HP223EA
ECEC1HP472BA
ECEC1HP472CA
ECEC1HP472DA
ECEC1HP472EL
ECEC1HP562BA
ECEC1HP562CA
ECEC1HP562DA
ECEC1HP682BA
ECEC1HP682CA
ECEC1HP682DA
ECEC1HP822CA
ECEC1HP822DA
ECEC1HP103CA
ECEC1HP103DA
ECEC1HP103EA
ECEC1HP123DA
ECEC1HP123EA
ECEC1HP153DA
ECEC1HP153EA
ECEC1HP183EA
ECEC1HP223EA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com