Electronic Components Datasheet Search
  English  ▼

X  

ICS9173B Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS9173B
Description  VIDEO GENLOCK PLL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9173B Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS9173B Datasheet HTML 1Page - Integrated Device Technology ICS9173B Datasheet HTML 2Page - Integrated Device Technology ICS9173B Datasheet HTML 3Page - Integrated Device Technology ICS9173B Datasheet HTML 4Page - Integrated Device Technology ICS9173B Datasheet HTML 5Page - Integrated Device Technology ICS9173B Datasheet HTML 6Page - Integrated Device Technology ICS9173B Datasheet HTML 7Page - Integrated Device Technology ICS9173B Datasheet HTML 8Page - Integrated Device Technology ICS9173B Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IDT9173B
VIDEO GENLOCK PLL
CLOCK SYNTHESIZER
IDT™ VIDEO GENLOCK PLL
4
IDT9173B
REV B 111209
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the IDT9173B. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
Storage Temperature
-65 to +150
° C
Voltage on I/O Pins referenced to GND
GND - 0.5 V to VDD + 0.5 V
Junction Temperature
125
° C
Soldering Temperature
260
° C
Power Dissipation
0.5 Watts
Parameter
Min.
Typ.
Max.
Units
Operating Temperature under Bias
-0
+70
° C
Power Supply Voltage (measured with respect to
GND)
+4.75
+5 V
+5.25
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com