Electronic Components Datasheet Search
  English  ▼

X  

ECOS2WB101BA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECOS2WB101BA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS2WB101BA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECOS2WB101BA Datasheet HTML 1Page - Panasonic Semiconductor ECOS2WB101BA Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Compact size (20 ~ 25% smaller than TS-HA series)
2 and 3 pin versions available
Long 3000 hour life at 105°C with high ripple current capability
Can vent construction
Part Number System
Series
Capacitance
Code
ECOS
ECEC
ECE3
TS-HB Standard Ratings (part numbers shown with 2 pins, 6.3mm length terminal, and top vinyl plate)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
470
22 x 30
1.40
1.96
0.423
0.190
ECOS2CB471BA
1000
25 x 50
2.20
3.08
0.216
0.108
ECOS2DB102CA
560
22 x 35
1.50
2.10
0.355
0.160
ECOS2CB561BA
30 x 35
2.20
3.08
0.216
0.108
ECOS2DB102DA
680
22 x 40
1.70
2.38
0.293
0.132
ECOS2CB681BA
35 x 30
2.20
3.08
0.216
0.108
ECOS2DB102EA
25 x 30
1.70
2.38
0.293
0.132
ECOS2CB681CA
1200
30 x 40
2.30
3.22
0.193
0.097
ECOS2DB122DA
820
22 x 45
2.00
2.80
0.243
0.109
ECOS2CB821BA
35 x 35
2.30
3.22
0.193
0.097
ECOS2DB122EA
25 x 35
2.00
2.80
0.243
0.109
ECOS2CB821CA
1500
30 x 50
2.50
3.50
0.155
0.077
ECOS2DB152DA
1000
22 x 50
2.20
3.08
0.199
0.090
ECOS2CB102BA
35 x 40
2.50
3.50
0.155
0.077
ECOS2DB152EA
25 x 40
2.20
3.08
0.199
0.090
ECOS2CB102CA
1800
35 x 45
2.70
3.78
0.129
0.077
ECOS2DB182EA
30 x 30
2.20
3.08
0.199
0.090
ECOS2CB102DA
2200
35 x 50
2.90
4.06
0.105
0.063
ECOS2DB222EA
35 x 25
2.20
3.08
0.199
0.090
ECOS2CB102EA
1200
25 x 45
2.30
3.22
0.180
0.090
ECOS2CB122CA
180
22 x 25
0.90
1.26
0.921
0.461
ECOS2EB181BA
30 x 35
2.30
3.22
0.180
0.090
ECOS2CB122DA
220
22 x 30
1.00
1.40
0.754
0.377
ECOS2EB221BA
35 x 30
2.30
3.22
0.180
0.090
ECOS2CB122EA
270
22 x 35
1.10
1.54
0.614
0.307
ECOS2EB271BA
1500
30 x 40
2.50
3.50
0.144
0.072
ECOS2CB152DA
330
22 x 40
1.20
1.68
0.502
0.251
ECOS2EB331BA
35 x 30
2.50
3.50
0.144
0.072
ECOS2CB152EA
25 x 30
1.20
1.68
0.502
0.251
ECOS2EB331CA
1800
30 x 45
2.70
3.78
0.129
0.064
ECOS2CB182DA
390
22 x 45
1.30
1.82
0.425
0.213
ECOS2EB391BA
35 x 35
2.70
3.78
0.129
0.064
ECOS2CB182EA
30 x 25
1.30
1.82
0.425
0.213
ECOS2EB391DA
2200
35 x 45
2.90
4.06
0.105
0.063
ECOS2CB222EA
470
22 x 50
1.40
1.96
0.353
0.176
ECOS2EB471BA
2700
35 x 50
3.10
4.34
0.086
0.052
ECOS2CB272EA
25 x 40
1.40
1.96
0.353
0.176
ECOS2EB471CA
30 x 30
1.40
1.96
0.353
0.176
ECOS2EB471DA
390
22 x 30
1.30
1.82
0.510
0.230
ECOS2DB391BA
560
25 x 45
1.50
2.10
0.296
0.148
ECOS2EB561CA
25 x 25
1.30
1.82
0.510
0.230
ECOS2DB391CA
35 x 25
1.50
2.10
0.296
0.148
ECOS2EB561EA
470
22 x 35
1.40
1.96
0.423
0.190
ECOS2DB471BA
680
25 x 50
1.70
2.38
0.244
0.134
ECOS2EB681CA
25 x 30
1.40
1.96
0.423
0.190
ECOS2DB471CA
30 x 40
1.70
2.38
0.244
0.134
ECOS2EB681DA
560
22 x 40
1.50
2.10
0.355
0.160
ECOS2DB561BA
35 x 30
1.70
2.38
0.244
0.134
ECOS2EB681EA
25 x 30
1.50
2.10
0.355
0.160
ECOS2DB561CA
820
30 x 45
2.00
2.80
0.202
0.111
ECOS2EB821DA
30 x 25
1.50
2.10
0.355
0.160
ECOS2DB561DA
35 x 35
2.00
2.80
0.202
0.111
ECOS2EB821EA
680
22 x 45
1.70
2.38
0.293
0.132
ECOS2DB681BA
1000
30 x 50
2.20
3.08
0.199
0.109
ECOS2EB102DA
25 x 35
1.70
2.38
0.293
0.132
ECOS2DB681CA
35 x 40
2.20
3.08
0.199
0.109
ECOS2EB102EA
820
25 x 45
2.00
2.80
0.263
0.118
ECOS2DB821CA
1200
35 x 45
2.30
3.22
0.166
0.099
ECOS2EB122EA
30 x 30
2.00
2.80
0.263
0.118
ECOS2DB821DA
1500
35 x 50
2.50
3.50
0.144
0.093
ECOS2EB152EA
820
35 x 25
2.00
2.80
0.263
0.118
ECOS2DB821EA
TS-HB Series 105°C, 3000 hours
Voltage
*Use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature.
Max 105°C R.C. (Arms)
20°C ESR (
Ω
Ω
Ω
Ω, max.)
Size (mm)
200 VDC Working, 250 VDC Surge (continued)
160 VDC Working, 200 VDC Surge
Max 105°C R.C. (Arms)
20°C ESR (
Ω
Ω
Ω
Ω, max.)
82 ~ 560µF (±20%)
Dissipation Factor:
(120 Hz, +20ºC)
3 Pin, 4.0mm Length Terminal
(Please see page 10 for details)
2 pin, 6.3mm Length Terminal (Standard)
Common Code / Terminal Type
Leakage Current:
3√CV (µA) max. after 5 minutes; C = Capacitance in µF, V = WV
2 pin, 4.0mm Length "Short" Terminal
Ripple Current Multipliers:
Endurance:
3000 hours at +105°C with maximum specified ripple current (see page 6)
Rated Working Voltage:
160 ~ 250 VDC
385 ~ 450 VDC
Operating Temperature:
-40 ~ +105°C
-25 ~ +105°C
330 ~ 2700µF (±20%)
D x L
Size (mm)
D x L
Nominal Capacitance:
Code
200 VDC Working, 250 VDC Surge
250 VDC Working, 300 VDC Surge
Working Voltage [V]:
Max. D.F. (%):
160 ~ 450
15
E
C
B
B
C
D
E
22mm
25mm
30mm
35mm
B
PVC without top plate
A
PVC with top plate
Ripple Current Frequency Factors
Frequency(Hz):
Multiplier:
50
0.75
60
0.8
100~120
1.0
1.2
1k
1.25
10k~
1.4
Ripple Current Ambient Temperature Factors*
≤45°C
2.35
60°C
70°C
85°C
Ambient Temperature:
Multiplier:
1.0
2.0
2.2
500
105°C
1.7
Insulation Options
Diameter Code
Contact factory for PET sleeve
availability
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors


Similar Part No. - ECOS2WB101BA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECOS2WB101BA PANASONIC-ECOS2WB101BA Datasheet
178Kb / 2P
Large Can Aluminum Electrolytic Capacitors
ECOS2WB101BA PANASONIC-ECOS2WB101BA Datasheet
193Kb / 10P
Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - ECOS2WB101BA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
Large Can Aluminum Electrolytic Capacitors
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
Large Can Aluminum Electrolytic Capacitors
ECE-T1VP563FA PANASONIC-ECE-T1VP563FA Datasheet
399Kb / 3P
Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLCW NIC-NRLCW Datasheet
347Kb / 7P
Large Can Aluminum Electrolytic Capacitors
NRLUW NIC-NRLUW Datasheet
322Kb / 6P
Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com