Electronic Components Datasheet Search
  English  ▼

X  

ECOS2WB121BA Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECOS2WB121BA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS2WB121BA Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECOS2WB121BA Datasheet HTML 1Page - Panasonic Semiconductor ECOS2WB121BA Datasheet HTML 2Page - Panasonic Semiconductor ECOS2WB121BA Datasheet HTML 3Page - Panasonic Semiconductor ECOS2WB121BA Datasheet HTML 4Page - Panasonic Semiconductor ECOS2WB121BA Datasheet HTML 5Page - Panasonic Semiconductor ECOS2WB121BA Datasheet HTML 6Page - Panasonic Semiconductor ECOS2WB121BA Datasheet HTML 7Page - Panasonic Semiconductor ECOS2WB121BA Datasheet HTML 8Page - Panasonic Semiconductor ECOS2WB121BA Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Panasonic Industrial Company
Aluminum Electrolytic Capacitors
17
Design and specifications are subject to change without notice.
Contact the factory or your sales representative for technical specifications before purchase and/or use.
When safety concerns arise, please contact Panasonic immediately for technical consultation.
TS-UP Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
1000
22 x 25
1.20
1.38
0.332
0.249
1500
22 x 25
1.72
1.98
0.221
0.166
25 x 20
1.30
1.50
0.254
0.191
1800
22 x 25
2.06
2.37
0.184
0.138
2200
22 x 30
2.52
2.90
0.151
0.113
25 x 25
2.52
2.90
0.151
0.113
30 x 20
1.50
1.73
0.173
0.130
2700
22 x 35
3.73
4.29
0.123
0.092
25 x 30
3.73
4.29
0.123
0.092
3300
22 x 40
4.10
4.72
0.105
0.079
25 x 30
4.10
4.72
0.105
0.079
30 x 25
4.10
4.72
0.105
0.079
35 x 20
1.70
1.96
0.126
0.094
3900
22 x 45
4.44
5.11
0.098
0.073
25 x 35
4.44
5.11
0.098
0.073
30 x 30
4.44
5.11
0.098
0.073
4700
22 x 50
4.86
5.59
0.081
0.061
25 x 40
4.86
5.59
0.081
0.061
30 x 30
4.86
5.59
0.081
0.061
35 x 25
4.86
5.59
0.081
0.061
5600
25 x 45
5.36
6.16
0.068
0.051
30 x 35
5.36
6.16
0.068
0.051
35 x 30
5.36
6.16
0.068
0.051
6800
25 x 50
5.84
6.72
0.061
0.046
30 x 40
5.84
6.72
0.061
0.046
35 x 30
5.84
6.72
0.061
0.046
8200
30 x 45
6.00
6.90
0.051
0.038
35 x 35
6.00
6.90
0.051
0.038
10000
35 x 40
6.52
7.50
0.041
0.033
12000
35 x 50
7.15
8.22
0.035
0.028
680
22 x 20
1.00
1.15
0.439
0.329
22 x 25
1.02
1.17
0.390
0.293
1000
22 x 25
1.51
1.74
0.265
0.199
25 x 20
1.20
1.38
0.298
0.224
1200
22 x 25
1.81
2.08
0.221
0.166
1500
22 x 30
2.26
2.60
0.177
0.133
25 x 25
2.26
2.60
0.177
0.133
30 x 20
1.40
1.61
0.199
0.149
1800
22 x 35
2.52
2.90
0.147
0.111
25 x 30
2.52
2.90
0.147
0.111
2200
22 x 40
2.73
3.14
0.121
0.090
25 x 30
2.73
3.14
0.121
0.090
30 x 25
2.73
3.14
0.121
0.090
35 x 20
1.70
1.96
0.136
0.102
2700
22 x 45
2.78
3.20
0.098
0.074
25 x 35
2.78
3.20
0.098
0.074
30 x 30
2.78
3.20
0.098
0.074
3300
22 x 50
3.21
3.69
0.085
0.064
25 x 40
3.21
3.69
0.085
0.064
30 x 30
3.21
3.69
0.085
0.064
3900
25 x 45
3.59
4.13
0.077
0.057
30 x 35
3.59
4.13
0.077
0.057
4700
25 x 50
4.09
4.70
0.063
0.048
30 x 40
4.09
4.70
0.063
0.048
5600
30 x 45
4.55
5.23
0.056
0.042
35 x 35
4.55
5.23
0.056
0.042
6800
30 x 50
5.16
5.93
0.046
0.035
35 x 40
5.16
5.93
0.046
0.035
8200
35 x 50
5.83
6.70
0.038
0.029
ECEC1KP822EA
ECOS1KP682EA
ECOS1KP822EA
ECEC1KP682EA
ECEC1KP562EA
ECOS1KP562DA
ECEC1KP562DA
ECOS1KP682DA
ECEC1KP682DA
ECEC1KP681BL
80 VDC Working, 105 VDC Surge (continued)
ECEC1KP681BA
ECEC1KP272DA
ECEC1KP122BA
ECEC1KP152BA
ECEC1KP272CA
ECEC1KP182CA
ECOS1KP681BL
ECOS1KP122BA
ECEC1KP332BA
ECEC1KP332CA
ECOS1KP562EA
ECEC1KP332DA
ECEC1KP392CA
ECEC1KP472DA
ECOS1KP472DA
ECOS1KP332DA
ECOS1KP392CA
ECEC1KP392DA
Max 85°C R.C. (Arms)
6.3mm Length Terminal
D x L
Panasonic Part Number (By Terminal Length)
Size (mm)
20°C ESR ( , max.)
ECEC1JP102BA
ECEC1JP152BA
ECEC1KP472CA
ECOS1KP392DA
ECOS1KP472CA
ECEC1KP222BA
ECEC1KP222CA
ECEC1KP222DA
ECEC1KP222EL
ECEC1KP272BA
4.0mm Length Terminal
ECOS1KP332BA
ECOS1KP272BA
ECOS1KP272CA
ECOS1KP272DA
ECEC1KP152CA
ECEC1KP152DL
ECEC1KP182BA
ECOS1JP152CL
ECOS1JP562DA
Part numbers shown with 2 pins
ECOS1KP152BA
ECOS1JP222BA
ECOS1JP222CA
ECOS1JP222DL
ECOS1JP272BA
ECOS1JP272CA
ECOS1KP681BA
ECOS1JP562CA
ECOS1JP332DA
ECOS1KP222EL
ECOS1KP222DA
ECOS1KP222BA
ECOS1KP332CA
ECOS1KP152CA
ECOS1KP152DL
ECOS1KP182BA
ECOS1KP182CA
ECOS1KP222CA
ECOS1JP472BA
ECEC1JP332DA
ECOS1JP102BA
63 VDC Working, 79 VDC Surge (continued)
ECOS1JP332EL
ECOS1JP392BA
ECOS1JP392CA
ECOS1JP392DA
ECOS1JP332BA
ECOS1JP332CA
ECEC1JP332BA
ECEC1JP332CA
ECEC1JP182BA
ECEC1JP222BA
ECEC1JP152CL
ECEC1JP222CA
ECOS1JP182BA
ECOS1JP152BA
ECEC1JP222DL
ECEC1JP272BA
ECEC1JP272CA
ECEC1JP332EL
ECEC1JP472CA
ECEC1JP472DA
ECOS1JP472EA
ECOS1JP472CA
ECOS1JP472DA
ECEC1JP392BA
ECEC1JP392CA
ECEC1JP392DA
ECEC1JP472BA
ECOS1JP562EA
ECOS1JP682CA
ECOS1JP682DA
ECEC1JP822EA
ECEC1JP682CA
ECEC1JP682DA
ECEC1JP103EA
ECOS1JP682EA
ECOS1JP822DA
ECOS1JP822EA
ECOS1JP103EA
ECEC1JP682EA
ECEC1JP822DA
ECEC1JP123EA
ECEC1JP472EA
ECOS1KP102BA
ECOS1KP102CL
ECEC1KP102BA
ECEC1KP102CL
ECOS1JP123EA
ECEC1JP562CA
ECEC1JP562DA
ECEC1JP562EA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com