Electronic Components Datasheet Search
  English  ▼

X  

CM-2 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CM-2
Description  Digital Audio Networking Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CM-2 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CM-2 Datasheet HTML 14Page - Cirrus Logic CM-2 Datasheet HTML 15Page - Cirrus Logic CM-2 Datasheet HTML 16Page - Cirrus Logic CM-2 Datasheet HTML 17Page - Cirrus Logic CM-2 Datasheet HTML 18Page - Cirrus Logic CM-2 Datasheet HTML 19Page - Cirrus Logic CM-2 Datasheet HTML 20Page - Cirrus Logic CM-2 Datasheet HTML 21Page - Cirrus Logic CM-2 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
18
©Copyright 2005 Cirrus Logic, Inc.
DS651UM23
Version 2.3
CobraNet Hardware User’s Manual
Synchronization
The following synchronization modes are further described below:
• "Internal Mode" on page 18
• "External Word Clock Mode" on page 18
• "External Master Clock Mode" on page 18
5.1.1 Internal Mode
All CobraNet clocks are derived from the onboard VCXO. The master clock generated by
the VCXO is available to external circuits via the master clock output.
Conductor—The VCXO is “parked” according to the
syncClockTrim setting.
Performer—The VCXO is “steered” to match the clock transmitted by the Conductor.
5.1.2 External Word Clock Mode
All CobraNet clocks are derived from the onboard VCXO. The VCXO is steered from an
external clock supplied to the reference clock input. The clock supplied can be any
integral division of the sample clock in the range of 750Hz to 48kHz.
External synchronization lock range: ±5
µs. This specification indicates drift or wander
between the supplied clock and the generated network clock at the conductor. Absolute
phase difference between the supplied reference clock and generated sample clock is
dependant on network topology.
Conductor—This mode gives a means for synchronizing an entire CobraNet network to
an external clock.
Performer—The interface disregards the fine timing information delivered over the
network from the conductor. Coarse timing information from the conductor is still used;
fine timing information is instead supplied by the reference clock. The external clock
source must be synchronous with the network conductor. This mode is useful in
installations where a house sync source is readily available.
5.1.3 External Master Clock Mode
The VCXO is disabled and MCLK_IN is used as the master clock for the node. This is a
“hard” synchronization mode. The supplied clock is used directly by the CobraNet
interface for all timing. This mode is primarily useful for devices with multiple CobraNet
interfaces sharing a common master audio clock. The supplied clock must be
24.576 MHz. The supplied clock must have a ±37 ppm precision.
Conductor—The entire network is synchronized to the supplied master clock.
Performer—The node will initially lock to the network clock and will “jam sync” via the
supplied master clock. The external clock source must be synchronous with the network
conductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com