Electronic Components Datasheet Search
  English  ▼

X  

CS49610X Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS49610X
Description  Digital Audio Networking Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49610X Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS49610X Datasheet HTML 11Page - Cirrus Logic CS49610X Datasheet HTML 12Page - Cirrus Logic CS49610X Datasheet HTML 13Page - Cirrus Logic CS49610X Datasheet HTML 14Page - Cirrus Logic CS49610X Datasheet HTML 15Page - Cirrus Logic CS49610X Datasheet HTML 16Page - Cirrus Logic CS49610X Datasheet HTML 17Page - Cirrus Logic CS49610X Datasheet HTML 18Page - Cirrus Logic CS49610X Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
CobraNet Hardware User’s Manual
Pinout and Signal Descriptions
DS651UM23
©Copyright 2005 Cirrus Logic, Inc.
15
Version 2.3
4.2.7 System Signals
Use these CS1810xx/CS4961xx signals stricktly in the manner described in
CM-2
Schematics (Section 9.2 on page 44). Each signal is briefly described below.
Signal
Description
CS1810xx/CS4961xx
Pin #
VCXO_CTRL
A Delta-sigma DAC Output for Controlling the On-board VCXO
1
MCLK_SEL
Control Signal for Selecting MCLK Sources
2
DBDA, DBCK
I2C Debugger Interface
3, 4
TEST
Used for testing during manufacturing. Keep grounded for normal
operation.
9
DATA[15:0]
Data Bus for Flash & Ethernet Controller(s)
29-32, 34, 35, 37, 39-43,
45, 46, 48, 49
ADDR[19:0]
Address Bus for Flash & Ethernet Controller(s)
55, 56, 58, 59, 61, 62, 64,
67, 68, 70-72, 74, 75, 77,
82, 84, 85, 87, 88
WE
Write Enable for Flash and Ethernet Controller(s)
38
CS1
Chip Select for Flash Memory Device
90
CS2
Chip Select for Ethernet Controller(s)
65
OE
Output Enable
89
IOWAIT
Wait State Signal from Ethernet Controller(s)
96
GPIO[2:0]
General-purpose I/O Signals
99, 100, 108
XTI
Reference Clock Input / Crystal Oscillator Input
125
XTO
Crystal Oscillator Output
124
XTAL_OUT
A Buffered Version of XTI
123
FILT2, FILT1
PLL Loop Filter
127, 128
DAO_MCLK
MCLK Input
8
HS[3:0]
CS1810xx/CS4961xx Boot Mode Selection
11, 16, 17, 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com