Electronic Components Datasheet Search
  English  ▼

X  

IP510 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IP510
Description  Supports Intel짰 Core?? Duo processors, 533/667MHz FSB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP510 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IP510 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For user’s manual & datasheet download, visit www.ibase.com.tw
3-7
Intel® Pentium® M-Based
Intel® Atom™-Based
Intel® Core™2 Duo/Core™ Duo COM Express
CPU Module w/ Intel® 945GME Chipset
Intel® Atom™ Z530 Nano ETX Express
CPU Module w/ Intel® SCH US15W
ET900
ET830
Specifications
CPU
Socket M for Intel® Core™2 Duo/Core™ Duo processors
System Memory
1x DDR2 SO-DIMM, Max. 2GB
System Chipset
Mobile Intel® 945GME Express + ICH7M, 533MHz/667MHz FSB
BIOS
Award
Watchdog Timer
256 levels
SSD
N/A
H/W Monitor
Yes
Expansion Slot
COM Express Type II Interface (4x PCI, 6x PCI-E(x1),
1x PCI-E(x16)
VGA Controller
Mobile Intel® 945GME Express integrated Graphics Media
Accelerator 950 (GMA 950), for CRT/TV out
VGA Memory
Supports DVMT 3.0; Max. shared memory - 224MB
Display Interface
Supports 18-bit dual channel LVDS
LAN Controller
Intel® ICH7M integrated, 10/100Mbps
Connector
On baseboard
I/O Chipset
Intel® ICH7M
1x IDE, 2x SATA
USB
8 ports (USB 2.0)
Audio
Intel® ICH7M built-in audio + AC97 codec
Others
IrDA, Boot on LAN, Interface to baseboard (for 8x USB, 1x IDE, 4x
PCI, 6x PCI-E(x1), 1x PCI-E(x16), 2x SATA, LVDS, VGA, TV-out, LAN,
AC97, LPC, GPIO
Dimensions
95mmx 125mm (3.74“ x 4.49“)
Max. Power Requirement
Intel® Core™2 Duo 2.16GHz w/ 1GB DDR2
+3.3V: 0.95A
+5V: 0.76A
+12V: 2.86A
Operating Temperature
0°C~60°C (32°F~140°F)
Storage Temperature
-20°C~80°C (-4°F~176°F)
Relative Humidity
10%~90% (non-condensing)
Ordering Information
ET900H
Socket M Intel® 945GME COM Express CPU Module w/ VGA and
10/100 LAN
ICOOL015-P
Heat spreader for ET900 (PGA type)
IP400-R
Flex ATX COM Express Baseboard
Features
● Supports Intel® Core™2 Duo processors, 533/667MHz FSB
● 1x DDR2 SO-DIMM, Max. 2GB
● Integrated VGA, supports CRT, LVDS, TV out
● Integrated ICH7M 10/100BaseT LAN
● 2x SATA, 8x USB 2.0, AC97, Watchdog timer
● 4x PCI, 6x PCI-E(x1), 1x PCI-E(x16)
DDR2 SO-DIMM
Socket
Award BIOS
CPU
Intel®
945GME
Chipset
Specifications
CPU
Intel® Atom™ Z530 on board
System Memory
DDR2 512MB memory on board
System Chipset
Intel® SCH US15W
BIOS
Award
Watchdog Timer
256 levels
SSD
2GB NAND Flash on board
H/W Monitor
Yes
Expansion Slot
SDIO socket onboard
1x PCI, 1x Mini PCI-E(x1) on baseboard (IP510)
VGA Controller
Intel® SCH US15W integrated GMA500
VGA Memory
N/A
Display Interface
18-bit/24-bit single channel LVDS on baseboard (IP510)
LAN Controller
N/A
Connector
2x RJ-45 on baseboard (IP510)
I/O Chipset
All on baseboard (IP510)
1x LPT, 1x KB, 1x mouse 1x SATA
1x RS-232/422/485, 3x RS232
USB
6 ports via baseboard (IP510)
Audio
Intel® SCH US15W built-in audio w/ Realtek ALC662 codec on
baseboard (IP510)
Others
Digital I/O (4 in / 4 out) on baseboard (IP510)
Dimensions
84mmx 55mm (3.3“ x 2.2“)
Max. Power Requirement
Intel® Atom™Processor Z530 1.6GHz
w/ 512MB DDR2-533
+3.3V: 0.81A +5V: 0.41A
+12V: 0.85A
Operating Temperature
0°C~60°C (32°F~140°F)
Storage Temperature
-20°C~80°C (-4°F~176°F)
Relative Humidity
10%~90% (non-condensing)
Ordering Information
ET830-16
Intel® Atom™ Z530 (1.6GHz), SCH US15W Nano ETX Express
module DDR2 512MB memory + 2GB SSD onboard
HSET830-BGA
Heatsink for ET830 Nano ETX Express module
IP510
Mini ITX baseboard for Nano ETX Express
Features
● Onboard Intel® Atom™ Z530, 533MHz FSB, 1.6GHz
● DDR2 512MB memory on board
● MicroSD slot on board
● 2GB NAND Flash SSD on board
● Supports dual display, VGA/LVDS via baseboard
● Supports HDTV/HD audio via baseboard
● 2x Gigabit LAN, 1x SATA II, 1x LPT, 6x USB 2.0, 4x COM via baseboard
CPU
BIOS
SD/IO
Intel® SCH
US15W Chipset
( Via IP510 baseboard )
ET830
IP510
DDR2 Memory
2
SATAII
6
USB
1
SATAII
2
Gbe LAN
4
COM
1
10/100
8
USB


Similar Part No. - IP510

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5101 INJOINIC-IP5101 Datasheet
839Kb / 14P
2A/1A charging, 2 A discharge high integration mobile power SoC
IP5101 INJOINIC-IP5101 Datasheet
1Mb / 9P
1. 5A Charging 1.5 A(max) Discharge Highly Integrated Mobile Power SOC
IP5101 INJOINIC-IP5101 Datasheet
911Kb / 13P
Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter
V1.0
IP5101 INJOINIC-IP5101 Datasheet
615Kb / 14P
Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter
V1.0
IP5103 INJOINIC-IP5103 Datasheet
1Mb / 9P
1. 5A Charging 1.5 A(max) Discharge Highly Integrated Mobile Power SOC
More results

Similar Description - IP510

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PMB-601LF PROTECHSYSTEMS-PMB-601LF Datasheet
387Kb / 2P
Intel Q965 ATX Motherboard Supports Intel Core 2 Duo Processors
PSB-601LF PROTECHSYSTEMS-PSB-601LF Datasheet
945Kb / 2P
Socket 775 New Intel Q965 Supports Intel Core 2 Duo Processors
logo
Advantech Co., Ltd.
POC-S176 ADVANTECH-POC-S176 Datasheet
456Kb / 2P
17 Slim Point-of-Care Terminal with Intel짰 Core??Duo/Core??2 Duo Processor
DPX-S410 ADVANTECH-DPX-S410 Datasheet
1Mb / 2P
Intel짰 Core 2 Duo??Gaming Platform
PCA-6010 ADVANTECH-PCA-6010_11 Datasheet
1Mb / 2P
LGA775 Intel짰 Core?? Duo SBC LGA775 Intel짰 Core?? Duo SBC
logo
AAEON Technology
COM-965 AAEON-COM-965 Datasheet
367Kb / 1P
Intel짰 Core??2 Duo/ Celeron짰 M (Socket-P Based) Processors
IMBA-880 AAEON-IMBA-880 Datasheet
405Kb / 2P
Intel짰 Core??2 Duo/ Pentium짰 4/ Celeron짰 D LGA775 Processor (533/800/1066 MHz FSB)
IMBA-910 AAEON-IMBA-910 Datasheet
431Kb / 2P
Intel짰 Core??2 Duo Processor, FSB 533/800/1066 MHz
RTC-840 AAEON-RTC-840 Datasheet
495Kb / 2P
Intel짰 Core??Duo U2500 1.2 GHz Processor
logo
Advantech Co., Ltd.
DPX-S410 ADVANTECH-DPX-S410_14 Datasheet
1Mb / 2P
Intel짰 Core 2 Duo??Gaming Platform
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com