Electronic Components Datasheet Search
  English  ▼

X  

MB935 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB935
Description  6x PCI-E Gigabit LAN ports, up to 8 ports
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB935 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB935 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Network Appliances
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
12
Dimensions
Specifications
CPU
LGA775 Intel® Core™2 Quad / Core™2 Duo / Core™2
Extreme processor, 800/1066/1333MHz FSB
Chipset
Intel® Q35 Express + ICH9 I/O controller hub
Memory
4x DDR2 DIMM, up to 8GB 667/800 (dual channel)
memory
LAN
6x Intel® 82574L GbE, optional 2x Intel® 82541PI GbE
LAN 1/2 Bypass
Rear Expansion
2x PCI32 expansion slots
Storage
1x Type II CF socket, 1x 3.5” SATA HDD or 2x 2.5" SATA HDD
drive bays
USB
2x USB 2.0 ports on front panel
Pin header for 2x USB ports
Serial I/O
1x DB-9 console connector on front panel
Pin header for 2x COM ports
VGA
Pin header on board
LCM
Optional 2x16 characters LCM module
LED
Power/HDD/Bypass indication LEDs and 5x general
programmable LEDs
Power Supply
Full range 300W ATX with PFC PSU
Dimensions
430mm (W) x 411.5mm (D) x 44mm (H)
16.9”(W) x 16.18”(D) x 1.73”(H)
Operating
Temperature
0°C~ 45°C (32°F~113°F)
Storage
Temperature
-20° ~ 70°C (-4°F~158°F)
Operating
Humidity
5~90%
Certification
CE/FCC
Ordering Information
FWA8206
1U Rackmount Intel® Q35 Network Security
Appliance, 6x Intel® Gigabit LAN, w/ LAN
Bypass, LCM
FWA8206-080V
1U Rackmount Intel® Q35 Network Security
Appliance, 8x Intel® Gigabit LAN, w/ LAN
Bypass, LCM
MB935
LGA775 Q35 Networking motherboard with
6x Gigabit LAN, LAN1/2 Bypass, VGA, 4x SATA II
IP325
Backplane for FWA8206
IBP160
2-port LAN module for FWA8206
VGA4
VGA cable
PS2D
PS/2 keyboard and mouse cable
USB2-7
Dual Port USB 2.0 cable, 300mm
Features
● Supports Intel® Core™2 Quad / Core™2 Duo /
Core™2 Extreme processors, 1066/1333MHz FSB
● 6x PCI-E Gigabit LAN ports, up to 8 ports
● 4x DDR2 DIMM sockets,Max. 8GB
● 2x PCI32 slots, 1x CF socket
● 2x USB 2.0, 1x COM
Mainstream Intel® Core®2 Quad Network Appliance w/
6 PCI-E and Optional 2 PCI GbE Ports
FWA8206


Similar Part No. - MB935

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB935 ETC2-MB935 Datasheet
588Kb / 1P
4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
More results

Similar Description - MB935

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX92801 AXIOMTEK-AX92801 Datasheet
122Kb / 1P
Dual Gigabit ports with LAN bypass function
logo
List of Unclassifed Man...
CPCI-6965 ETC2-CPCI-6965 Datasheet
512Kb / 2P
Two egress PCI-Express Gigabit Ethernet ports
MI935 ETC2-MI935 Datasheet
1Mb / 1P
10/100BaseT or PCI-E Gigabit LAN, optional 1x PCI-E Gigabit LAN
FWA9106 ETC2-FWA9106 Datasheet
140Kb / 1P
Supports 4x PCI-E Gigabit LAN ports
logo
AAEON Technology
FWS-7810 AAEON-FWS-7810_15 Datasheet
307Kb / 2P
1U Rackmount 8 LAN Ports Network Appliance
logo
Axiomtek Co., Ltd.
PICO500 AXIOMTEK-PICO500 Datasheet
260Kb / 1P
1 USB 2.0 and 1 Gigabit LAN ports
GOT5100T-834 AXIOMTEK-GOT5100T-834_16 Datasheet
491Kb / 2P
Supports 2 Gigabit LAN, 4 USB & 2 COM ports
GOT5152T-834 AXIOMTEK-GOT5152T-834_16 Datasheet
693Kb / 2P
Supports 2 Gigabit LAN, 4 USB & 3 COM ports
logo
Moxa Inc.
TN-G6500 MOXA-TN-G6500 Datasheet
867Kb / 5P
EN 50155 Full Gigabit Ethernet switches with up to 8 PoE ports
logo
AAEON Technology
PER-T514 AAEON-PER-T514 Datasheet
1,017Kb / 1P
2 Ports Intel® 10GbE LAN PCI-E [x4] Frame Grabber Card
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com