Electronic Components Datasheet Search
  English  ▼

X  

IB112 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IB112
Description  Freescale ARM Cortex-A8, 800MHz industrial-grade processor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB112 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IB112 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6-3
For user’s manual & datasheet download, visit www.ibase.com.tw
Features
● Freescale ARM Cortex-A8, 1GHz consumer-grade processor
● 1GB DDR3 memory on board
● Supports USB-OTG
● Supports SD card/ MicroSD card
● Rich I/O for high expansion capability
● Watchdog timer, Digital I/O
Features
● Freescale ARM Cortex-A8, 800MHz industrial-grade processor
● 1GB DDR3 memory on board
● Supports USB-OTG
● Supports SD card/ MicroSD card
● Rich I/O for high expansion capability
● Watchdog timer, Digital I/O
Ordering Information
IB110
RISC SBC w/ Consumer-Grade Freescale i.MX535 (1Ghz), DDR3 1GB, 10/100
LAN, SD, Micro-SD, 3 COM ports, Mini-PCIe(x1) slot
IB110F
RISC SBC w/ Consumer-Grade Freescale i.MX535 (1Ghz), DDR3 1GB, 10/100
LAN, SD, Micro-SD, 3 COM Ports, Mini-PCIe(x1) slot, HDMI, GPIO x8, SATA, VGA.
18-bit TTL Panel header, LVDS header
IB110H
RISC SBC w/ Consumer-Grade Freescale i.MX535 (1Ghz), DDR3 1GB, 10/100
LAN, SD, Micro-SD, 3 COM ports, Mini-PCIe(x1) slot, HDMI,GPIO x8, 8GB
eMMC (option)
Ordering Information
IB112
3.5-inch SBC w/ Industrial-Grade Freescale i.MX536 (800Mhz), 1GB DDR3,
10/100 LAN, SD, Micro-SD, 3 COM ports, Mini-PCIe(x1) slot
IB112F
3.5-inch SBC w/ Industrial-Grade Freescale i.MX536 (800Mhz), 1GB DDR3,
10/100 LAN, SD, Micro-SD, 3 COM ports, Mini-PCIe(x1) slot, HDMI,GPIO x8, VGA,
32K NVRAM, SATA
IB112S
3.5-inch SBC w/ Industrial-Grade Freescale i.MX536 (800Mhz), 1GB DDR3,
10/100 LAN, SD, Micro-SD, 3 COM ports, Mini-PCIe(x1) slot, HDMI, GPIO x8,
CAN x2, 2nd LAN, 32K NVRAM, 16GB eMMC
IB112T
3.5-inch SBC w/ Industrial-Grade Freescale i.MX536 (800Mhz), 1GB DDR3,
10/100 LAN, SD, Micro-SD, 3 COM ports, Mini-PCIe(x1) slot, HDMI, CAN x2,
8GB eMMC
RISC SBC
RISC SBC
Freescale i.MX535 Consumer-Grade
Cortex-A8 Single Board Computer
Freescale i.MX536 Industrial-Grade
Cortex-A8 Single Board Computer
IB110
IB112
4
USB
4
USB
2
COM
2
COM
1
SATA
1
SATA
1
10/100
1~2
10/100
Specifications
Form Factor
3.5" Disk-Size SBC, 102mm x 147mm (4" x 5.8")
MPU Type Operating
Frequency
Freescale Industrial-Grade i.MX536:
1GHz Cortex™-A8
65nm, LP/GP
19x19 0.8mm (TE-BGA)
System Memory
1GB DDR3-800 on board
Data Memory
Optional 8GB/16 GB eMMC
MicroSD slot supports up to 32GB
Display
Sil9022A HDMI transmitter / LVDS
Video codec
Decode: 1080p, 30fps
Encode: 720p, 30fps
LAN
1st LAN : 10/100 Base-T Ethernet
2nd LAN : 10/100 Base-T Ethernet (IB112S)
USB
USB 4x Host via USB HUB
Touch Controller
Via DA9053 (Resistive Touch Controller)
Audio
Pin header for speaker
Watchdog
By hardware
NVRAM
32KB (in IB112F, IB112S)
Edge I/O
• 1x 1st 10/100 LAN / 1x 2nd 10/100 LAN (IB112S)
• 1x USB (USB Host. A-Type) / USB OTG x1 (mini USB B-Type) Default: Device mode
• 1x COM2 RS-232
• 1x SD / 1x MicroSD
• 1x 12~30V DC-in jack
• 1x Boot switch (Boot sequence - eMMC/MicroSD)
• 1x HDMI Type A connector
Headers & Expansion Slots
Headers:
• 8x GPIO ( IB112F, IB112S)
• COM (RS232) x 2 (COM1 / COM3 debug port)
• Audio pin header (1x MIC, 1x speaker)
• 2x USB 2.0 (2mm pitch)
• FPC connector for 4-wire Resistive Touch x1
• 2x CAN (Pin header in IB112S, IB112T)
• 1x 18 bit LVDS connector
• 1x VGA pin header (in IB112F, IB112S)
Slots:
• 1x SATA connector
• 1x Full Size Mini PCIe(x1) socket (USB I/F only)
Power
12~30V DC-in
Operating Temperature
-20°C~ 70°C (-4°F ~ 158°F)
Communication
Devices
WiFi / GPRS / 3G Module (Optional)
Software Support
Ubuntu Linux 10.04 (kernel 2.6.35)/ Android 2.3/ Windows CE7
Specifications
Form Factor
90mm x 150mm (3.5" x 5.9")
MPU Type Operating
Frequency
Freescale Consumer-Grade i.MX535
1GHz Cortex™-A8
65nm, LP/GP
19x19 0.8mm PoP (Consumer)
System Memory
1GB DDR3-800 on board
Data Memory
MicroSD slot supports up to 32GB
Display
Sil9022A HDMI Transmitter / LVDS / TTL
Video codec
Decode :1080p, 30fps
Encode : 720p, 30fps
LAN
10/100 Base-T Ethernet
USB
USB 4x Host via USB hub
Touch Controller
Via DA9053 (Resistive Touch Controller)
Audio
Pin header for speaker
Watchdog
By hardware
Edge I/O
• 1x 10/100 LAN (RJ45)
• 1x USB (USB host, A-Type)
• 1x USB OTG (mini USB B-Type) Default: device mode
• 1x COM2 RS-232(RJ45 connector)
• 1x SD
• 1x MicroSD
• 1x 12V DC-in jack
• 1x Boot switch (Boot sequence: eMMC/MicroSD)
• 1x HDMI Type A connector
Headers & Expansion Slots
Headers:
• 8x GPIO (IB110H, IB110F)
• 2x COM (RS232) (COM1 / COM3 debug port)
• Audio pin header (1x speaker)
• 2x USB 2.0 (2.0mm pitch)
• 1x FPC connector for 4-wire Resistive Touch
• VGA, 18-bit TTL panel and LVDS header (IB110F)
Slots:
• 1x SATA connector (IB110F)
• 1x Full Size Mini PCIe(x1) socket (USB I/F only)
Power
12V DC-in
Operating Temperature
0°C~ 60°C (32°F ~ 140°F)
Communication
Devices
WiFi / GPRS / 3G module (optional)
Software Support
Ubuntu Linux 10.04 (kernel 2.6.35)/ Android 2.3/ Windows CE7
RJ-45
LAN
COM
COM
12~30V
DC Jack
12V DC
Jack
SD
socket
SD
socket
Micro SD
socket
Micro SD
socket
SATA
SATA
Mini PCI-E
Mini PCI-E
LVDS
LVDS
Digital I/O
Micro USB
Micro USB
HDMI
HDMI
USB
USB
LCD
Backlight
LCD
Backlight
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS


Similar Part No. - IB112

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
IB117K FLUKE-IB117K Datasheet
2Mb / 4P
1000 volt insulated hand tools. Lifetime warranty.
More results

Similar Description - IB112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359_1211 TI1-AM3359_1211 Datasheet
2Mb / 222P
AM335x ARM Cortex-A8 Microprocessors (MPUs)
logo
Protech Systems Co., Lt...
EF-51LF PROTECHSYSTEMS-EF-51LF Datasheet
264Kb / 1P
Support ARM Cortex A8 Core / Freescale i.MX515 800MHz MPU / Low power consumption
logo
Advantech Co., Ltd.
ROM-1210 ADVANTECH-ROM-1210_15 Datasheet
791Kb / 2P
Freescale ARM Cortex-A8 i.MX53 RTX Module
RSB-4210 ADVANTECH-RSB-4210_15 Datasheet
993Kb / 2P
Freescale ARM Cortex-A8 i.MX53 SBC
RSB-4410 ADVANTECH-RSB-4410_15 Datasheet
634Kb / 2P
Freescale ARM Cortex-A9 i.MX6 SBC
logo
List of Unclassifed Man...
A10S ETC2-A10S Datasheet
1Mb / 82P
ARM Cortex-A8 Core
A13 ETC2-A13 Datasheet
1Mb / 55P
ARM Cortex A8 Core
logo
Advantech Co., Ltd.
RSB-4410 ADVANTECH-RSB-4410 Datasheet
634Kb / 2P
Freescale ARM Cortex-A9 i.MX6 SBC
logo
Beckhoff Automation Gmb...
CP26XX-0000 BECKHOFF-CP26XX-0000 Datasheet
156Kb / 3P
Panel PC with ARM Cortex??A8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com