Electronic Components Datasheet Search
  English  ▼

X  

IB945 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IB945
Description  6x SATA II, 2x COM, 6x USB 2.0, Watchdog timer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB945 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IB945 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available
5-10
Intel® Core™2 Quad-Based
LGA775 Intel® Core™2 Quad / Core™ 2 Duo
Full-Size CPU Card w/ Intel® Q45 Express Chipset
IB945
Intel® Atom™-Based
IB827
Intel® AtomTM N270 Full Size CPU Card Intel® 945GSE Chipset
Features
● Intel® AtomTM Processor N270, 1.6GHz
● 2x DDR2 DIMM, Max. 2GB
● 2x PCI-E Gigabit LAN
● Integrated graphics device, GMA 950
● Supports 24-bit LVDS and CRT
● 2x SATA, 4x COM, 7x USB 2.0, Watchdog timer
● Digital I/O, ISA High Drive, optional Mini PCI-E socket
DDR2 Sockets
CPU
ATX Power
IDE
SATA II CF Sockets
FDC
LPT
Audio
VGA
KB/Mouse
Gbe
LAN1/2
COM3
COM1/2/4
ICH7M
LVDS
Intel®
945 GSE
Chipset
DDR3 Sockets
ATX Power
FDD
LGA775
CRT
RJ45
KB/Mouse
IDE
USB
DVI
Intel® Q45
Chipset
ICH10DO
SATA II
6
USB
2
COM
6
SATA II
2
Gbe LAN
7
USB
4
COM
2
SATA
2
Gbe LAN
Features
● Supports Intel® Core™2 Quad / Core™2 Duo / Pentium®
Dual-Core / Celeron® processors, 800MHz/1066MHz/1333MHz FSB
● 4x DDR3 DIMM, Max. 8GB
● Integrated graphics device, GMA4500
● With DVI and CRT support
● 2x PCI-E Gigabit LAN
● 6x SATA II, 2x COM, 6x USB 2.0, Watchdog timer
● Digital I/O, ISA High Drive, Mini PCI-E socket
Specifications
CPU Socket
LGA775 for Intel
® CoreTM 2 Quad/ CoreTM 2 Dual /
Pentium
® Dual- Core / Celeron® processors
System Memory
4x DDR3 DIMM, Max. 8GB
System Chipset
Intel® Q45 + ICH10DO, 800/1066/1333MHz FSB
BIOS
Phoenix
Watchdog Timer
256 levels
SSD
N/A
H/W Monitor
Yes
Expansion Slots
Mini PCI-E socket (solder side) for wireless LAN modules, etc.
VGA Controller
Intel® Q45 GMCH integrated graphic device(GMA4500)
VGA Memory
Max. shared memory – 1GB
LCD Interface
Supports CRT; Chrontel CH7307C for DVI
LAN Controller
Intel® 82567 PCI-E Gigabit LAN and Intel® 82574L PCI-E
Gigabit LAN
Connector
2x RJ-45 on board
I/O Chipset
Winbond W83627DHG
1x IDE, 6x SATA II, 1x LPT, 1x KB, 1x mouse, 1x FDD, 1x IrDA, 1x RS-
232, 1x RS-232/422/485
USB
6 ports on board (USB 2.0)
Audio
Built-in high definition audio+ ALC888 codec
Others
Digital I/O (4-in/4-out) , ISA High Drive,
Mini PCI-E socket
Dimensions
338mm x 122mm (13.31” x 4.8”)
Max. Power Requirement
Intel® Core™2 Quad 9550 2.83GHz
w/ 4x 2GB DDR3-1333
+5V: 7.93A
+12V: 1.16A
Operating Temperature
0°C~60°C (32°F~140°F)
Storage Temperature
-20°C~80°C (-4°F~176°F)
Relative Humidity
10%~90% (non-condensing)
Ordering Information
IB945F
LGA775 Full-Size CPU card with VGA and dual Gigabit LAN
IP470
PICMG 1.0 Backplane w/ 12x PCI, 2x ISA
Specifications
CPU Socket
Intel
® AtomTM N270 Processor, 1.6GHz
System Memory
2x DDR2 DIMM, Max. 2GB
System Chipset
Intel® 945GSE+ICH7M, 533MHz FSB
BIOS
Phoenix
Watchdog Timer
256 levels
SSD
Type II CF socket
H/W Monitor
Yes
Expansion Slots
Optional Mini PCI-E socket (solder side) for wireless LAN modules,
etc.
VGA Controller
Intel® 945GSE GMCH integrated graphics device (GMA950)
VGA Memory
Supports DVMT 3.0; Max. shared memory - 224MB
LCD Interface
Supports CRT and 24-bit dual channels LVDS interface, onboard
Chrontel CH7308B for LVDS
LAN Controller
2x Realtek 8111C PCI Express Gigabit LAN
Connector
RJ-45 on board
I/O Chipset
Winbond W83627EHG
1x IDE, 2x SATA, 1x LPT, 1x KB, 1x mouse, 1x FDD, 1x IrDA,
3x RS-232, 1x RS-232/422/485
USB
7 ports on board (USB 2.0)
Audio
Built-in HD audio + HD codec
Others
Digital I/O (4-in/4-out)
Dimensions
338mm x 122mm (13.31” x 4.8”)
Max. Power Requirement
Intel® Atom™ Processor N270 1.6GHz
w/ 2x 1GB DDR2-667
+5V: 3.92A
+12V: 0.44A
Operating Temperature
0°C~60°C (32°F~140°F)
Storage Temperature
-20°C~80°C (-4°F~176°F)
Relative Humidity
10%~90% (non-condensing)
Ordering Information
IB827
Intel
® AtomTM N270 onboard 945GSE
Full-Size CPU card w/ VGA, LVDS and dual Gigabit LAN,
4x COM, Mini PCI-E socket
IP470
PICMG 1.0 Backplane w/ 12x PCI, 2x ISA


Similar Part No. - IB945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IB946 ETC2-IB946 Datasheet
1Mb / 2P
Supports dual display (CRT / LVDS)
More results

Similar Description - IB945

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
Watchdog Timer
logo
PhaseLink Corporation
PLL701-14 PLL-PLL701-14 Datasheet
195Kb / 5P
Low EMI Spread Spectrum 6x Multiplier Clock
logo
Advantech Co., Ltd.
PCM-9562 ADVANTECH-PCM-9562_12 Datasheet
1Mb / 2P
Intel짰 Atom??N450/D510 EBX SBC with 3 GbE, 6 COM, 3 SATA, 8 USB 2.0, 2 Watchdog
logo
List of Unclassifed Man...
MB980 ETC2-MB980 Datasheet
621Kb / 1P
10x USB 2.0, 4x USB 3.0, 6x COM, 6x SATA III
MI950 ETC2-MI950 Datasheet
769Kb / 1P
4x SATA II, 1x IDE, 6x USB 2.0, 2x COM
IB936F ETC2-IB936F Datasheet
1Mb / 1P
4x SATA II, 4x USB 2.0, 2x COM, Watchdog timer
MB935 ETC2-MB935 Datasheet
588Kb / 1P
4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
logo
Advantech Co., Ltd.
PCM-9562 ADVANTECH-PCM-9562_15 Datasheet
752Kb / 2P
Intel짰 Atom??N450/D510 EBX SBC with 3 GbE, 6 COM, 3 SATA, 8 USB 2.0, 2 Watchdog
logo
Abracon Corporation
ABE0114 ABRACON-ABE0114 Datasheet
55Kb / 5P
Low EMI Spread Spectrum 6x Multiplier Clock
logo
FIBOX Enclosing innovat...
3530016 FIBOX-3530016 Datasheet
49Kb / 1P
Size 2 6x PG164x PG21
14.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com