Electronic Components Datasheet Search
  English  ▼

X  

IB886 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IB886
Description  Supports CRT and LVDS (24-bit single channel)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB886 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IB886 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2-21
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
3. For user’s manual & datasheet download, visit www.ibase.com.tw.
Ordering Information
IB884T-11
Intel® AtomTM Z510PT 1.1GHz 3.5-inch Disk Size SBC w/ VGA and
PCI-E Gigabit LAN, Wide Temp. support
IB884T-13 (MOQ)
Intel® AtomTM Z520PT 1.3GHz 3.5-inch Disk Size SBC w/ VGA and
PCI-E Gigabit LAN, Wide Temp. support
IB66
Cable kit IB884T series, w/ SATA + power cable, COM, USB, PS/2,
IDE, audio, power cable
Intel® Atom™ Z510PT/Z520PT 3.5" Disk-Size
SBC w/ Intel® SCH US15WPT Chipset
IB884T
RJ-45
LVDS
DDR2 SO-DIMM
DC In
(12V~19V)
SATA II
USB
KB/Mouse
COM 2~4
VGA
USB
IDE
COM 1
Audio
4
COM
2
SATA II
1
GbE LAN
6
USB
Specifications
CPU
Intel® AtomTM Z510PT, 1.1GHz (w/ Wide Temp. support)
Intel® AtomTM Z520PT, 1.3GHz (w/ Wide Temp. support)
System Memory
1x DDR2 SO-DIMM, Max. 2GB
System Chipset
Intel® US15WPT System Controller Hub
(w/ Wide Temp. support)
BIOS
AMI BIOS
Watchdog Timer
256 levels
SSD
N/A
H/W Monitor
Yes
Expansion Slots
N/A
VGA Controller
Chrontel CH7022A
VGA Memory
N/A
Display Interface
Supports CRT VGA & 24-bit single channel LVDS
Controller
Intel® 82574IT PCI-E GbE LAN (Wide Temp. support)
Connector
RJ-45 on board
I/O Chipset
Fintek F81865-I (w/ Wide Temp. support)
1x IDE, 1x KB, 1x mouse
3x RS232, 1x RS-232/422/485 , 2x SATA II
USB
2 ports on board
Pin header for 4 ports (USB 2.0)
Audio
Intel® Atom™ US15WPT built-in audio w/ Realtek ALC269 codec for
2-channel with 2W amplifier
Others
Digital I/O( 4-in, 4-out), +12V ~ +19V DC In
Dimensions
102mm x 147mm (4” x 5.8”)
Max. Power Requirement
Intel® AtomTM Z510PT 1.1GHz
w/ 2GB DDR2-667
+12V:1.18A
Operating Temperature
-30°C~75°C (-22°F~167°F)
Storage Temperature
-30°C~80°C (-22°F~176°F)
Relative Humidity
10%~90% (non-condensing)
Features
● Onboard Intel® AtomTM Z510PT/Z520PT Processor,
up to 1.3GHz
● 1x DDR2 SO-DIMM , Max. 2GB
● Supports CRT and LVDS (24-bit single channel)
● Intel® PCI-E GbE LAN
● Watchdog timer
● 6x USB, 4x COM, 2x SATA II
KB/Mouse
Smart Battery
Interface
Audio
SATA II
USB
RJ-45
VGA
LCD Backlight
CF Socket
IDE
DDR2 Socket
Digital I/O
COM Port
Specifications
CPU
Socket P for Intel® Core™2 Duo / Celeron® processors
System Memory
1x DDR2 SO-DIMM, 533/667MHz, Max. 2GB
System Chipset
Intel® GME965 + ICH8M, 533/800MHz FSB
BIOS
Award
Watchdog Timer
256 levels
SSD
Type II CF socket
H/W Monitor
Yes
Expansion Slots
N/A
VGA Controller
Intel® GME965 integrated GMA X3100
VGA Memory
Supports DVMT 4.0; Max. shared memory - 384MB
Display Interface
CRT and 24-bit single/dual channel LVDS
LAN Controller
2x Intel® 82574L PCI-E Gigabit LAN
Connector
RJ-45 on board
I/O Chipset
ICH8M, Winbond W83627EHG
1x IDE, 1x KB, 1x mouse, 1x RS232,
1x RS-232/422/485, 1x SATA II
USB
2 ports on board
Pin header for 2 ports (USB 2.0)
Audio
Intel® ICH8M built-in HD audio w/ Realtek ALC662 codec for 5.1CH
Others
Digital I/O, 12V DC-in, Smart battery interface
Dimensions
203mm x 146mm (8“ x 5.75“)
Max. Power Requirement
Intel® Core™2 Duo T7100 1.8GHz
w/ 1GB DDR2-667
+12V: 3.5A
Operating Temperature
0°C~60°C (32°F~140°F)
Storage Temperature
-20°C~80°C (-4°F~176°F)
Relative Humidity
10%~90% (non-condensing)
Features
● Supports Intel® Core™2 Duo / Celeron®
processors, 533/800MHz FSB
● 1x DDR2 SO-DIMM, Max. 2GB memory
● Intel® GMA X3100 VGA for CRT/LVDS
● 2x Intel® PCI-E Gigabit LAN
● Watchdog timer, Digital I/O
● 1x SATA II, 4x USB 2.0, 2x COM, CF socket
2
COM
1
SATA II
2
GbE LAN
4
USB
Socket P Intel® Core™2 Duo 3.5" Disk-Size SBC
with Intel® GME965 Chipset
IB886
Ordering Information
IB886
Socket P Intel® GME965 Core™2 Duo 3.5-inch Disk Size SBC
w/ VGA and dual PCI-E Gigabit LAN
IB49
Cable kit for IB886 series, w/ IDE, PS/2, audio, USB, COM, power
cable and SATA
HSIB886-PGA
Heatsink for IB886
CSB110-886C
Steel Chassis for IB886 3.5” SBC, 2.5” HDD holder, 80W power
adaptor
CSB110-886M
Steel Chassis with IB886 3.5” SBC, 2.5” HDD holder, 80W power
adaptor
3.5" Disk-Size SBC


Similar Part No. - IB886

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IB886 ETC2-IB886 Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
More results

Similar Description - IB886

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI910 ETC2-MI910 Datasheet
1Mb / 2P
Supports CRT, LVDS, optional DVI
IB884T-11 ETC2-IB884T-11 Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
IB905 ETC2-IB905 Datasheet
528Kb / 1P
Supports DVI-I and LVDS( 24-bit dual channel)
IB930 ETC2-IB930 Datasheet
1Mb / 2P
Supports dual display (CRT / LVDS)
logo
AAEON Technology
GENE-5315-A AAEON-GENE-5315-A Datasheet
294Kb / 2P
Up to 24-bit Single Channel LVDS/ TTL LCD & CRT
GENE-5315-B AAEON-GENE-5315-B Datasheet
295Kb / 2P
Up to 24-bit Single Channel LVDS/ TTL LCD & CRT
PFM-CVS-A AAEON-PFM-CVS-A Datasheet
259Kb / 2P
CRT, 18-bit Single Channel LVDS LCD
PFM-CVS-B AAEON-PFM-CVS-B Datasheet
266Kb / 2P
CRT, 18-bit Single Channel LVDS LCD
GENE-5315REV.B AAEON-GENE-5315REV.B Datasheet
295Kb / 2P
Up to 24-bit Single Channel LVDS/ TTL LCD & CRT
GENE-LN05REV.B AAEON-GENE-LN05REV.B Datasheet
289Kb / 2P
CRT, 18/24-bit Single Channel LVDS LCD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com