Electronic Components Datasheet Search
  English  ▼

X  

IB893 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IB893
Description  Onboard Intel짰 AtomTM D525 DC Processor 1.8GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB893 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IB893 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2-17
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
3. For user’s manual & datasheet download, visit www.ibase.com.tw.
Dimensions Drawing
IB893
Intel® Atom™ D525 3.5-inch Disk Size SBC w/ Intel® ICH8M Chipset
8
USB
4
COM
2
SATA II
2
Gbe LAN
Features
● Onboard Intel® AtomTM D525 DC Processor,
1.8GHz
● 1x DDR3 SO-DIMM, Max. 4GB
● Supports CRT and LVDS
● 2x Realtek RTL-8111G-CG Gigabit LAN
● Watchdog timer, Digital I/O
● 8x USB, 4x COM, 2x SATA II
System
CPU
Intel® AtomTM D525 Processor
(1.8GHz, 1MB cache)
System Memory
1x DDR3 SO-DIMM, Max. 4GB (Non-ECC)
System Chipset
Intel® 82801HBM I/O controller (ICH8M)
BIOS
AMI
Watchdog Timer
256 levels
SSD
N/A
H/W Monitor
Yes
Expansion Slots
1x Mini PCI-E
Graphics
VGA Controller
Intel® AtomTM D525 Processor integrated
GMA3150 graphics
VGA Memory
Max. shared memory – 224MB
Display Interface
Support CRT and 24-bit dual channel LVDS
LAN
Controller
2x Realtek RTL-8111G-CG PCI-E Gigabit LAN
Connector
2x RJ-45 on board
Multi I/O
I/O Chipset
Nuvoton NCT6627UD
3x RS232
1x RS-232/422/485(jumperless selection),
2x SATA II, 1x KB, 1x Mouse
USB
2x ports on board
Pin headers for 6 ports (USB 2.0)
Audio
Intel® ICH8M built-in audio controller w/ Realtek
ALC662-VD codec for 5.1CH
Others
Digital I/O, +12V DC In
Mechanical and Environmental
Dimensions
102mm x 147mm (4“ x 5.8“)
Max. Power
Requirement
Intel® Atom™ D525 1.80 GHz
w/ 1x 2GB DDR3-1333
+5V: 0.23 A
+12V: 2.38 A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-4°F~176°F)
Relative
Humidity
10%~90% (non-condensing)
Ordering Information
IB893
Intel® AtomTM D525 1.8GHz Processor 3.5-inch Disk
Size SBC w/ VGA & LVDS (24-bit dual channel), dual
PCI-E Gigabit LAN
HSIB893-BGA
Heatsink for IB893
VGA
RJ-45
LVDS
DC In
(12V)
SATA power
SATA II
DDR3 SO-DIMM
Socket
LCD
Backlight
USB
COM 1
COM2
KB/Mouse
USB 2.0
COM3~4
Audio
Mini PCI-E
3.5" Disk-Size SBC


Similar Part No. - IB893

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IB891 ETC2-IB891 Datasheet
914Kb / 1P
Supports VGA and LVDS 2x Realtek 8111DL PCI-E Gigabit LAN
IB891-D5 ETC2-IB891-D5 Datasheet
914Kb / 1P
Supports VGA and LVDS 2x Realtek 8111DL PCI-E Gigabit LAN
IB892 ETC2-IB892 Datasheet
635Kb / 1P
Onboard Intel짰 Atom??E640T/ E660T processor up to 1.3GHz
IB892-10T ETC2-IB892-10T Datasheet
635Kb / 1P
Onboard Intel짰 Atom??E640T/ E660T processor up to 1.3GHz
IB892-13T ETC2-IB892-13T Datasheet
635Kb / 1P
Onboard Intel짰 Atom??E640T/ E660T processor up to 1.3GHz
More results

Similar Description - IB893

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6522 AAEON-AEC-6522 Datasheet
258Kb / 2P
Intel짰 Atom??N455/D525 Processor
AEC-6612B AAEON-AEC-6612B Datasheet
271Kb / 2P
Intel짰 Atom??D525 Processor
AOP-8080XT AAEON-AOP-8080XT Datasheet
266Kb / 2P
Onboard Intel짰 Celeron짰 M Processor
logo
Advantech Co., Ltd.
MIC-3325 ADVANTECH-MIC-3325_15 Datasheet
786Kb / 2P
3U CompactPCI짰 Intel짰 AtomTM Dual Core D525/N455 Processor Blade
logo
List of Unclassifed Man...
IMB-110 ETC2-IMB-110 Datasheet
1Mb / 2P
Intel짰 AtomTM PineView Processor D525/D425/N455
IMB-148 ETC2-IMB-148 Datasheet
800Kb / 1P
Intel짰 AtomTM CedarView Processor D2550
IMB-150 ETC2-IMB-150 Datasheet
1Mb / 2P
Intel짰 AtomTM Baytrail-M/D Processor
IMB-151 ETC2-IMB-151 Datasheet
1,012Kb / 2P
Intel짰 AtomTM Baytrail-M/D Processor
IMB-152 ETC2-IMB-152 Datasheet
766Kb / 1P
Intel짰 AtomTM Baytrail-M/D Processor
UTX-110 ETC2-UTX-110 Datasheet
774Kb / 1P
Intel짰 AtomTM Baytrail-i Processor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com