Electronic Components Datasheet Search
  English  ▼

X  

IB895 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IB895
Description  Intel AtomTM D2550 / N2600 3.5" Disk-Size SBC w/ Intel NM10 PCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB895 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IB895 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2-16
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
3. For user’s manual & datasheet download, visit www.ibase.com.tw.
Intel® AtomTM D2550 / N2600 3.5" Disk-Size SBC w/ Intel® NM10 PCH
IB895
System
CPU
Intel® AtomTM Processor D2550
(1.86GHz, 1MB cache)
Intel® AtomTM Processor N2600
(1.6GHz, 1MB cache)
System Memory
1x DDR3 SO-DIMM, Max. 4GB (Non-ECC) for IB895
/ 2GB (Non-ECC) for IB895N
System Chipset
Intel® CG82NM10 PCH
BIOS
AMI
Watchdog Timer
256 levels
SSD
mSATA (Thru full-size Mini PCI-E)
H/W Monitor
Yes
Expansion Slots
2x Mini PCI-E - w/ USB signal (1x half-size,
1x full-size)
Graphics
VGA Controller
Intel® AtomTM Processor D2550 / N2600 integrated
VGA Memory
Max. shared memory – 224MB
Display Interface
Supports DVI-I and 24-bit dual channel LVDS
LAN
Controller
2x Intel® 82583V PCI-E Gigabit LAN
Connector
2x RJ-45 on board
Multi I/O
I/O Chipset
Nuvoton NCT6627UD
1x KB, 1x Mouse, 3x RS232,
1x RS-232/422/485(jumperless selection), 2x SATA II
USB
2 ports on board
Pin headers for 4 ports (USB 2.0)
Audio
Intel® NM10 built-in audio controller w/ Realtek
ALC269QHD Codec w/ class-D speaker amplifier
Others
Digital I/O, +12V~+24V DC In, iSMART
Mechanical and Environmental
Dimensions
102mm x 147mm (4“ x 5.8“)
Max. Power
Requirement
Intel® Atom-D25501.86GHz
2GB DDR3-1333
+12V: 1.64A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-4°F~176°F)
Relative
Humidity
10% ~ 90% (non-condensing)
Ordering Information
IB895
Intel® AtomTM D2550 1.86GHz 3.5-inch Disk Size SBC
w/ VGA, DVI & LVDS (24-bit dual channel, dual PCI-E
Gigabit LAN, mSATA, iSMART, EuP/ErP compliant
IB895N
Intel® AtomTM N2600 1.6GHz 3.5-inch Disk Size SBC
w/ VGA, DVI & LVDS (24-bit dual channel, dual PCI-E
Gigabit LAN, mSATA, iSMART, EuP/ErP compliant
HSIB895-BGA
Heatsink for IB895
DVI-I
RJ-45
LVDS
DC In
(12~24V)
SATA II
DDR3 SO-DIMM
Socket
LCD
Backlight
Smart
Battery
Interface
USB
COM 1
KB/
Mouse
COM2~4
Audio
Mini PCI-E
6
USB(2.0)
4
COM
2
SATA III
2
Gbe LAN
Features
● Onboard Intel® Atom™ D2550 / N2600 Processor
● 1x DDR3 SO-DIMM, Max. 4GB
● Supports DVI-I and 24-bit dual channel LVDS
● iSMART - auto-scheduler and power resume
● EuP/ErP power saving
● 2x Intel® 82583V PCI-E Gigabit LAN
● Watchdog timer, Digital I/O, mSATA
● 6x USB, 4x COM, 2x SATA II
● 2x Mini PCI-E slots
3.5" Disk-Size SBC
Dimensions Drawing
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS


Similar Part No. - IB895

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IB891 ETC2-IB891 Datasheet
914Kb / 1P
Supports VGA and LVDS 2x Realtek 8111DL PCI-E Gigabit LAN
IB891-D5 ETC2-IB891-D5 Datasheet
914Kb / 1P
Supports VGA and LVDS 2x Realtek 8111DL PCI-E Gigabit LAN
IB892 ETC2-IB892 Datasheet
635Kb / 1P
Onboard Intel짰 Atom??E640T/ E660T processor up to 1.3GHz
IB892-10T ETC2-IB892-10T Datasheet
635Kb / 1P
Onboard Intel짰 Atom??E640T/ E660T processor up to 1.3GHz
IB892-13T ETC2-IB892-13T Datasheet
635Kb / 1P
Onboard Intel짰 Atom??E640T/ E660T processor up to 1.3GHz
More results

Similar Description - IB895

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-CV05 AAEON-GENE-CV05 Datasheet
347Kb / 2P
3.5 SubCompact Board With Intel Atom D2550/N2800/N2600 Processor
EPIC-CV07 AAEON-EPIC-CV07 Datasheet
282Kb / 2P
EPIC Board With Onboard Intel Atom D2550/N2600 Processor
HSB-CV1P AAEON-HSB-CV1P Datasheet
305Kb / 2P
PCI Half-Size SBC With Intel Atom D2550/N2600 Processor
GENE-CV05 AAEON-GENE-CV05_13 Datasheet
249Kb / 2P
3.5??SubCompact Board With Intel Atom D2550/N2800/N2600 Processor
logo
List of Unclassifed Man...
IB887 ETC2-IB887 Datasheet
1Mb / 1P
3.5" Disk-Size SBC
logo
Protech Systems Co., Lt...
EB-591LF PROTECHSYSTEMS-EB-591LF Datasheet
716Kb / 2P
3.5" SBC supports Intel Atom?
logo
List of Unclassifed Man...
IMB-140D-PLUS ETC2-IMB-140D-PLUS Datasheet
1Mb / 2P
Intel Dual-Core AtomTM CedarViewProcessor D2550/N2600/N2800
IMB-142 ETC2-IMB-142 Datasheet
1Mb / 2P
Intel Dual-Core AtomTM CedarViewProcessor D2550/N2600/N2800
logo
Axiomtek Co., Ltd.
MANO830 AXIOMTEK-MANO830_17 Datasheet
290Kb / 1P
Mini-ITX SBC with Intel Atom D2550/N2600, Intel NM10, VGA/HDMI/LVDS
logo
DFI Inc
KU553 DFI-KU553 Datasheet
1Mb / 2P
7th Gen Intel Core 3.5 SBC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com