Electronic Components Datasheet Search
  English  ▼

X  

IB935 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IB935
Description  Integrated VGA(GMA3100), CRT suppor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB935 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IB935 Datasheet HTML 1Page - List of Unclassifed Manufacturers IB935 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For user’s manual & datasheet download, visit www.ibase.com.tw
5-9
Intel® Core™2 Quad-Based
Intel® Core™2 Quad-Based
LGA775 Intel® CoreTM2 Quad / CoreTM2 Duo PICMG 1.3
Full-sized CPU Card w/ Intel® Q35 Chipset
LGA775 Intel® Core™2 Quad PICMG 1.3
Full-Size CPU Card w/ Intel® Q35 Express Chipset
IB936
IB935
DDR2 Sockets
LPT
ATX Power
FDD
LGA775
CRT VGA
KB/Mouse
COM Ports
IrDA
SATAII
External Mouse
Intel® Q35
Chipset
ICH9
RJ45
4
USB
2
COM
4
SATA II
2
GbE LAN
Specifications
CPU Socket
LGA775 for Intel
® CoreTM 2 Quad / CoreTM 2 Dual /Pentium® Dual-
Core / Celeron
® processors
System Memory
2x DDR2 DIMM, Max. 4GB
System Chipset
Intel
® Q35 + ICH9, 800/1066/1333MHz FSB
BIOS
Award
Watchdog Timer
256 levels
SSD
N/A
H/W Monitor
Yes
Expansion Slots
Via backplane
VGA Controller
Intel
® Q35 GMCH integrated graphics (GMA3100)
VGA Memory
Max. shared memory – 256MB
Display Interface
Supports CRT
Controller
2x Realtek RTL8111E PCI-E Gigabit LAN
Connector
2x RJ-45 on board
I/O Chipset
Winbond W83627EHG
1x IDE, 4x SATA II, 1x KB, 1x mouse,
1x FDD, 1x IrDA,
1x RS-232, 1x RS-232/422/485
USB
4 ports on board
Audio
Built-in HD audio+ Realtek ALC892 codec
Others
Digital I/O(4-in/4-out)
Dimensions
338mm x 126mm (13.31” x 4.96”)
Max. Power
Requirement
TBC
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage Temperature -20°C~80°C (-4°F~176°F)
Relative Humidity
10%~90% (non-condensing)
Features
● Supports Intel® Core™2 Quad / Core™2 Duo / Celeron® 400 Sequence
processors (Conroe-L), 800MHz/1066MHz/1333MHz
● 2x DDR2 DIMM, Max. 4GB
● 1x Gigabit LAN or 2x Gigabit LAN
● Integrated VGA (GMA 3100), CRT support
● 4x or 6x SATA II, 2x COM, 4x USB 2.0
Specifications
Ordering Information
CPU Socket
Intel® Core™2 Quad / Core™2 Duo / Celeron® 400 Sequence
processors (Conroe-L)
System Memory
2x DDR2 DIMM, Max. 4GB
System Chipset
Intel® Q35 Express + ICH9, 800/1066/1333MHz FSB
BIOS
Award
Watchdog Timer
256 levels
SSD
N/A
H/W Monitor
Yes
Expansion Slot
via backplane
VGA Controller
Intel® Q35 Express integrated (GMA 3100)
VGA Memory
DVMT 4.0 (Intel® GMA 3100); supports memory allocation up to
256MB
LCD Interface
N/A
LAN Controller
2x Intel® 82566DM Gigabit LAN
Connector
RJ-45 on board
I/O Chipset
Winbond W83627EHG
1x IDE, 1x KB, 1x mouse, IrDA, 1x FDD
1x RS232, 1x RS232/422/485, 4x or 6x SATA II
USB
4 ports on board (USB 2.0)
Extra 4 ports through backplane are supported
Audio
Built-in HD audio + HD codec
Others
IrDA, Digital I/O (4-in/4-out)
Dimensions
338mm x 126mm (13.31” x 4.96”)
Max. Power
Requirement
Intel® Core™2 Duo E6420 2.13GHz
w/ 2x 1GB DDR2-800
+5V: 6.57A
+12V: 3.53A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-4°F~176°F)
Relative Humidity
10%~90% (non-condensing)
IB935
LGA775 PICMG 1.3 Q35 Full-Size CPU card with VGA, Gigabit
LAN, 4x SATA II, 4x USB
IB935RF
(By request
w/ MOQ)
LGA775 PICMG 1.3 Q35 Full-Size CPU card with VGA, 1x Gigabit
LAN,
1x PCI-E Gigabit LAN, 4x USB, 6x SATA II (w/ ICH9R)
IP314
PICMG 1.3 Backplane w/ 1x PCI-E (x16), 2x PCI-E (x4), 8x PCI, 2x
ISA
IP380
PICMG 1.3 Backplane w/ 1x PCI-E (x16), 3x PCI-E (x1)
DDR2 Sockets
LPT
ATX Power
FDD
LGA775
CRT VGA
RJ45
KB/Mouse
COM Ports
IrDA
SATA
External Mouse
Intel® Q35
Chipset
ICH9
4
USB
2
COM
4
SATA II
1
GbE LAN
2
SATA II
Option
1
GbE LAN
Option
Features
● Support Intel® CoreTM 2 Quad / CoreTM 2 Duo /
Pentium® Dual-Core / Celeron® processors, 800/1066/1333MHz FSB
● 2x DDRII DIMM, Max. 4GB
● Integrated VGA(GMA3100), CRT support
● 2x Gigabit LAN
● 4x SATA II, 4x USB 2.0, 2x COM, Watchdog timer
Ordering Information
IB936F
LGA775 PICMG1.3 Q35 Full-Size CPU card w/ VGA and dual Gigabit
LAN


Similar Part No. - IB935

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IB930 ETC2-IB930 Datasheet
1Mb / 2P
Supports dual display (CRT / LVDS)
IB936F ETC2-IB936F Datasheet
1Mb / 1P
4x SATA II, 4x USB 2.0, 2x COM, Watchdog timer
More results

Similar Description - IB935

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7062 NTE-NTE7062 Datasheet
23Kb / 3P
Integrated Circuit CRT Display Synchronization Deflection Circuit
NTE7063 NTE-NTE7063 Datasheet
25Kb / 3P
Integrated Circuit CRT Display Synchronization Deflection Circuit
NTE7086 NTE-NTE7086 Datasheet
24Kb / 3P
Integrated Circuit Sync Deflection Circuit for CRT Display
logo
California Micro Device...
CM2010 CALMIRCO-CM2010 Datasheet
95Kb / 4P
VGA Port Protection with Integrated Sync Buffers
logo
Maxim Integrated Produc...
MAX2036 MAXIM-MAX2036 Datasheet
303Kb / 23P
Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
MAX2038 MAXIM-MAX2038 Datasheet
326Kb / 23P
Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
MAX2036 MAXIM-MAX2036_1 Datasheet
614Kb / 25P
Ultrasound VGA Integrated with CW Octal Mixer
Rev 1; 6/09
logo
List of Unclassifed Man...
MI945 ETC2-MI945 Datasheet
528Kb / 1P
Integrated VGA for CRT & LVDS
logo
Cirrus Logic
CL-GD610 CIRRUS-CL-GD610 Datasheet
10Mb / 316P
Flat Panel/CRT Enhanced VGA :Controller
July, 1989
logo
NXP Semiconductors
PTN3355 NXP-PTN3355 Datasheet
964Kb / 37P
Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
4 November 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com