Electronic Components Datasheet Search
  English  ▼

X  

IB965 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IB965
Description  24-bit dual channel LVDS iSMART - for EuP/ErP power saving,
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB965 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IB965 Datasheet HTML 1Page - List of Unclassifed Manufacturers IB965 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4-6
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
3. For user’s manual & datasheet download, visit www.ibase.com.tw.
IB965
DDR3 Sockets
DVI
ATX Power
LGA1155
VGA
RJ45
USB(2.0)
USB(3.0)
USB(3.0)
COM Ports
Intel® Q77
Chipset
LPT
SATA III
SATA II
LVDS
Mini PCI-E
System
CPU Socket
LGA1155 for 3rd Generation Intel® Core
TM i7/i5/i3
/ Pentium
® / QC/ DC processors, up to 3.9GHz
System Memory
2x DDR3 DIMM, Max. 16GB (Non-ECC)
System Chipset
IB965RF: Intel® Q77 PCH
IB965F: Intel® B75 PCH
BIOS
AMI
Watchdog Timer
256 levels
SSD
N/A
H/W Monitor
Yes
Expansion Slot
1x Mini PCI-E
Graphics
VGA Controller
3rd Generation Intel® Core
TM i7/i5/i3 / Pentium®
Processor Integrated HD 4000 Graphics
VGA Memory
Max. shared memory – 1024MB
Display Interface
Supports CRT, DVI-D
24-bit dual channel LVDS interface
LAN
LAN Controller
Intel® 82579V Gigabit LAN PHY
Intel® 82583V PCI-E Gigabit LAN
Connector
RJ-45 on board
Multi I/O
I/O Chipset
Fintek F81866AD-I
1x RS232/422/485 (jumperless selection),
3x RS232,1x KB,1x Mouse,
IB965RF: 2x SATA II, 2x SATA III, 1x LPT
IB965F: 1x SATA II, 3x SATA III, 1x LPT
USB
1x USB2.0 & 1x USB 3.0 port on board
Pin headers for 2 ports (USB 2.0) + 2 ports (USB 3.0)
Audio
Intel
® Q77/B75 PCH built-in HD audio controller +
Realtek ALC662 codec
Others
Digital I/O (4-in/4-out), iSMART, TPM 1.2,
RAID (IB965RF only)
Mechanical and Environmental
Dimensions
338mm x 126mm (13.31” x 4.96”)
Max. Power
Requirement
3nd Generation Intel® Core™ i7-3770 3.4GHz
w/ 2x 2GB DDR3-1333
+5V: 2.57A
+12V: 1.48A
+3.3V: 1.70A +5Vsb: 0.63A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-4°F~176°F)
Relative
Humidity
10%~90% (non-condensing)
Ordering Information
IB965RF
LGA1155 Q77 Full-Size CPU Card w/ VGA, DVI-D,
24-bit LVDS, dual Gigabit LAN, iSMART, TPM 1.2, RAID
IB965F
LGA1155 B75 Full-Size CPU Card w/ VGA, DVI-D,
24-bit LVDS, dual Gigabit LAN, iSMART, TPM 1.2
3rd Generation Intel® CoreTM i7/i5/i3/Pentium® PICMG® 1.3
Full-Size CPU Card w/ Intel® Q77 PCH
4
COM
2
SATA III
3
USB(2.0)
3
USB(3.0)
4
SATA II
2
Gbe LAN
Features
● 3rd Generation Intel® CoreTM i7/i5/i3/
Pentium® QC/DC processors, up to 3.9GHz
● 2x DDR3 DIMM, Max. 16GB
● Intel® Processor integrated graphics device,
Gfx Gen. 5.7, supports CRT, DVI-D
● iSMART - for EuP/ErP power saving,
auto-scheduler and power resume
● 24-bit dual channel LVDS
● Dual Intel® Gigabit LAN
● 3x USB2.0, 3x USB 3.0, 4x COM, 2x SATA II,
2x SATAIII
● Watchdog timer, Digital I/O, LPT, 1x Mini PCI-E
Dimensions Drawing
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS
Full-Size CPU Card


Similar Part No. - IB965

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IB905 ETC2-IB905 Datasheet
528Kb / 1P
Supports DVI-I and LVDS( 24-bit dual channel)
IB905F ETC2-IB905F Datasheet
528Kb / 1P
Supports DVI-I and LVDS( 24-bit dual channel)
IB906 ETC2-IB906 Datasheet
583Kb / 1P
iSMART - for EuP/ErP power saving, auto-scheduler and power resume
IB906-1G ETC2-IB906-1G Datasheet
583Kb / 1P
iSMART - for EuP/ErP power saving, auto-scheduler and power resume
IB930 ETC2-IB930 Datasheet
1Mb / 2P
Supports dual display (CRT / LVDS)
More results

Similar Description - IB965

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PER-T061 AAEON-PER-T061 Datasheet
182Kb / 1P
Support 24-bit Dual-channel LVDS
logo
List of Unclassifed Man...
MB970 ETC2-MB970 Datasheet
856Kb / 1P
iSMART - for EuP/ErP power saving
MI961 ETC2-MI961 Datasheet
569Kb / 1P
iSMART - for EuP/ErP power saving, auto-scheduler and power resume
SI-06 ETC2-SI-06 Datasheet
452Kb / 1P
iSMART - for EuP/ErP power saving, autoscheduler and power resume
IB884T ETC2-IB884T Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
IB905 ETC2-IB905 Datasheet
528Kb / 1P
Supports DVI-I and LVDS( 24-bit dual channel)
IB906 ETC2-IB906 Datasheet
583Kb / 1P
iSMART - for EuP/ErP power saving, auto-scheduler and power resume
IB970 ETC2-IB970 Datasheet
832Kb / 2P
24-bit dual channel LVDS (IB970RF / IB970F)
logo
AAEON Technology
EPIC-BT07 AAEON-EPIC-BT07 Datasheet
342Kb / 2P
lvds 24-bit dual channel
GENE-LN05REV.B AAEON-GENE-LN05REV.B Datasheet
289Kb / 2P
CRT, 18/24-bit Single Channel LVDS LCD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com