Electronic Components Datasheet Search
  English  ▼

X  

MB935 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB935
Description  4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB935 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB935 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Network Appliances
For user’s manual & datasheet download, visit www.ibase.com.tw
27
LGA775 Intel® Core™2 Quad Networking Motherboard w/
Intel® Q35 Express Chipset
Features
● Supports Intel® Core™2 Quad / Core™2 Duo /
Celeron® 400 Sequence processors (Conroe-L),
1066/1333MHz FSB
● 4x DDR2 DIMM, Max. 8GB
● 6x Intel® Gigabit LAN, LAN1/LAN2 Bypass
● Integrated VGA for CRT
● 4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
● 1x CF socket, 1x PCI32 interface for backplane
LGA775
Socket
USB
RJ-45
Console
CF Socket
SATA II
ATX Power
DDR2
DIMM
Intel® Q35
Chipset
ICH9
System
CPU
Intel® Core™2 Quad / Core™2 Duo / Celeron® 400
Sequence processors (Conroe-L)
System Memory
4x DDR2 667/800 DIMM, Max. 8GB
System Chipset
Intel® Q35 Express + ICH9, 800/1066/1333MHz FSB
BIOS
Award
Watchdog Timer
256 levels
SSD
CF socket
H/W Monitor
Yes
Expansion Slots
1x PCI (4 masters), 1x Mini PCI
Graphics
VGA Controller
Intel® Q35 Express integrated
VGA Memory
DVMT 4.0 (Intel® GMA 3100); supports memory
allocation up to 256MB
Display Interface
Via pin header
LAN
Controller
6x Intel® 82574L GbE
Bypass
LAN 1/2
Connector
RJ-45 on board
Multi I/O
I/O Chipset
Winbond W83627EHG + Fintek F81216
1x IDE1, 1x CF socket, 1x KB, 1x mouse,
4x RS-232, 4x SATA II
USB
2 ports on board
Pin header for 2 ports (USB 2.0)
Mechanical and Environmental
Dimensions
355mm x 185mm (14“ x 7.3“)
Max. Power
Requirement
Intel® Core™2 Quad Q9550 2.83GHz,
w/ 2x 2GB DDR2
+3.3V: 3.93A
+5V: 5.87A
+5Vsb: 0.6A
+12V: 6.64A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-4°F~176°F)
Relative
Humidity
10%~90% (non-condensing)
Ordering Information
MB935
LGA775 Q35 Networking Motherboard with 6x GbE
LAN, LAN1/2 Bypass, VGA, 4x SATA II
IP325
Riser card for MB935 w/ 2x PCI slots
IBP160
Expansion LAN module with 2x Intel® 82547PL GbE
UXB2-7
Dual port USB2.0 cable, 300mm
MB935
4
USB
4
COM
4
SATA II
6
GbE LAN
Network Motherboards


Similar Part No. - MB935

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB935 ETC2-MB935 Datasheet
336Kb / 1P
6x PCI-E Gigabit LAN ports, up to 8 ports
More results

Similar Description - MB935

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
JSH-42L3AD3-5 JDSU-JSH-42L3AD3-5 Datasheet
941Kb / 45P
LW 4x/2x/1x FC SFP with DDM
logo
ADL Embedded Solutions
MSM4E104EX ADL-MSM4E104EX Datasheet
209Kb / 1P
4x 1Gb LAN
logo
Japan Aviation Electron...
DG1R025HS1 JAE-DG1R025HS1 Datasheet
208Kb / 1P
4X RECEPTACLE
logo
List of Unclassifed Man...
PN-1323 ETC2-PN-1323 Datasheet
105Kb / 1P
NEMA 4X ENCLOSURE
MB980 ETC2-MB980 Datasheet
621Kb / 1P
10x USB 2.0, 4x USB 3.0, 6x COM, 6x SATA III
MI950 ETC2-MI950 Datasheet
769Kb / 1P
4x SATA II, 1x IDE, 6x USB 2.0, 2x COM
IB936F ETC2-IB936F Datasheet
1Mb / 1P
4x SATA II, 4x USB 2.0, 2x COM, Watchdog timer
PN-1336 ETC2-PN-1336 Datasheet
120Kb / 1P
NEMA 4X ENCLSURE
CPU-1452 ETC2-CPU-1452 Datasheet
212Kb / 3P
Celeron 400MHz Fanless SBC with 4x USB 2.0 and 4x USB 1.1 ports (RoHS)
logo
Molex Electronics Ltd.
1001710100 MOLEX-1001710100 Datasheet
540Kb / 7P
HD 4X RAD TO HD 4X STR
2018/07/11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com