Electronic Components Datasheet Search
  English  ▼

X  

SF65G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SF65G
Description  6.0 Amp Super Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SF65G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SF65G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SF65G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF65G
Voltage 600V
6.0 Amp Super Fast Recovery Rectifier
Elektronische Bauelemente
18-Feb-2013 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
B
A
D
REF.
Millimeter
Min.
Max.
A
25.4 (TYP)
B
7.20
9.50
C
4.80
5.60
D
1.10
1.30
RoHS Compliant Product
A suffix of “-C” specifies and halogen free
FEATURES
Fast switching for high efficiency
Low forward voltage drop
High current capability
Low reverse leakage current
High surge current capability
MECHANICAL DATA
Case:Molded plastic DO-27
Epoxy:UL 94V-0 rate flame retardant
Terminals:Solderable per MIL-STD-202
method 208
Polarity:Color band denotes cathode
Mounting position:Any
Weight:1.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
600
V
Maximum RMS Voltage
VRMS
480
V
Maximum DC Blocking Voltage
VDC
600
V
Maximum Average Forward Rectified
Current TL=55°C
IF(AV)
6
A
Peak Forward Surge Current,8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
150
A
Maximum Instantaneous Forward Voltage @ 6A
VF
1.7
V
Maximum DC Reverse Current At
Rated DC Blocking Voltage
TJ=25°C
IR
5
µA
TJ=125°C
250
Maximum Reverse Recovery Time
1
TRR
35
nS
Typical Junction Capacitance
3
CJ
100
pF
Typical Thermal Resistance
2
RθJL
55
°C W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Notes:
1.
Reverse recovery test conditions IF= 0.5A, IR= 1.0A, IRR= 0.25A.
2.
Thermal Resistance junction to lead.
3.
Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
DO-27


Similar Part No. - SF65G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF65G TSC-SF65G Datasheet
67Kb / 2P
6.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Jinan Gude Electronic D...
SF65G JGD-SF65G Datasheet
173Kb / 2P
6.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF65G TSC-SF65G Datasheet
261Kb / 2P
6.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
MIC GROUP RECTIFIERS
SF65G MIC-SF65G Datasheet
52Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
SF65G TSC-SF65G Datasheet
585Kb / 2P
6.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF65G

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SF61 UNIOHM-SF61 Datasheet
70Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
SF61 LUGUANG-SF61 Datasheet
185Kb / 2P
6.0 AMP. Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF61 GWSEMI-SF61 Datasheet
71Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SF61 YFWDIODE-SF61 Datasheet
70Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
FR601 DGNJDZ-FR601 Datasheet
128Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
SF61 DGNJDZ-SF61 Datasheet
202Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SF61-DO27 YFWDIODE-SF61-DO27 Datasheet
263Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
SF61-DO-27 YFWDIODE-SF61-DO-27 Datasheet
291Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Yixinwei Techn...
FR601 YIXIN-FR601 Datasheet
235Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
SF61 YIXIN-SF61 Datasheet
243Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com