Electronic Components Datasheet Search
  English  ▼

X  

SMG5402 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG5402
Description  N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG5402 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMG5402 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG5402 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG5402 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG5402 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SMG5402
4A , 30V , RDS(ON) 55 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
26-Oct-2012 Rev. A
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250µA
Gate-Threshold Voltage
VGS(th)
0.5
-
1.5
V
VDS=VGS, ID=250µA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VGS=±12V
Drain-Source Leakage
Current
TJ=25°C
IDSS
-
-
1
µA
VDS=30V, VGS=0
TJ=70°C
-
-
25
V DS=24V, VGS=0
Drain-Source On-Resistance
RDS(ON)
-
-
55
m
VGS=10V, ID=4A
-
-
70
VGS=4.5V, ID=3A
-
-
110
VGS=2.5V, ID=2A
Forward Transconductance
gfs
-
3
-
S
VDS=10V, ID=3A
Dynamic
Total Gate Charge
2
Qg
-
6
-
nC
VDS=15V,
VGS=4.5V,
ID=3A
Gate-Source Charge
Qgs
-
1
-
Gate-Drain (‘‘Miller’’) Charge
Qgd
-
2.8
-
Turn-on Delay Time
2
Td(on)
-
5.8
-
nS
VDS=15V,
VGS=5V,
RG=3.3 ,
RD=15 ,
ID=1A
Rise Time
Tr
-
9.6
-
Turn-off Delay Time
2
Td(off)
-
14.4
-
Fall Time
Tf
-
3.9
-
Input Capacitance
Ciss
-
335
-
pF
VGS=0,
VDS=25V,
f=1.0MHz
Output Capacitance
Coss
-
50
-
Reverse Transfer Capacitance
Crss
-
45
-
Source-Drain Diode
Diode Forward Voltage
2
VSD
-
-
1.2
V
IS=1.2A, VGS=0
Reverse Recovery Time
2
TRR
-
15
-
ns
IS=3A, VGS=0
dI/dt=100A/µs
Reverse Recovery Charge
QRR
-
8
-
nC
Notes:
1.
Pulse width limited by Max. junction temperature.
2.
Pulse width≦300us, duty cycle≦2%.
3.
Surface mounted on 1 in2 copper pad of FR4 board; 270°C /W when mounted on Min. copper pad.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com