Electronic Components Datasheet Search
  English  ▼

X  

DSP Datasheet(PDF) 2 Page - Panasonic Battery Group

Part # DSP
Description  DSP RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

DSP Datasheet(HTML) 2 Page - Panasonic Battery Group

  DSP Datasheet HTML 1Page - Panasonic Battery Group DSP Datasheet HTML 2Page - Panasonic Battery Group DSP Datasheet HTML 3Page - Panasonic Battery Group DSP Datasheet HTML 4Page - Panasonic Battery Group DSP Datasheet HTML 5Page - Panasonic Battery Group DSP Datasheet HTML 6Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
DSP
ASCTB180E 201202-T
TYPES
Standard packing: Carton: 50 pcs.; Case: 500 pcs.
Note: Reverse polarity type are manufactured by lot upon receipt of order. Self-clinching types are also available, please consult us.
* For sockets, see page 100.
RATING
1. Coil data
1) Single side stable
2) 2 coil latching
Contact
arrangement
Nominal coil
voltage
Single side stable
2 coil latching
Part No.
Part No.
1 Form A
3V DC
DSP1a-DC3V
DSP1a-L2-DC3V
5V DC
DSP1a-DC5V
DSP1a-L2-DC5V
6V DC
DSP1a-DC6V
DSP1a-L2-DC6V
9V DC
DSP1a-DC9V
DSP1a-L2-DC9V
12V DC
DSP1a-DC12V
DSP1a-L2-DC12V
24V DC
DSP1a-DC24V
DSP1a-L2-DC24V
1 Form A
1 Form B
3V DC
DSP1-DC3V-F
DSP1-L2-DC3V-F
5V DC
DSP1-DC5V-F
DSP1-L2-DC5V-F
6V DC
DSP1-DC6V-F
DSP1-L2-DC6V-F
9V DC
DSP1-DC9V-F
DSP1-L2-DC9V-F
12V DC
DSP1-DC12V-F
DSP1-L2-DC12V-F
24V DC
DSP1-DC24V-F
DSP1-L2-DC24V-F
2 Form A
3V DC
DSP2a-DC3V
DSP2a-L2-DC3V
5V DC
DSP2a-DC5V
DSP2a-L2-DC5V
6V DC
DSP2a-DC6V
DSP2a-L2-DC6V
9V DC
DSP2a-DC9V
DSP2a-L2-DC9V
12V DC
DSP2a-DC12V
DSP2a-L2-DC12V
24V DC
DSP2a-DC24V
DSP2a-L2-DC24V
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
3V DC
80%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
100mA
30
Ω
300mW
130%V of
nominal voltage
5V DC
60mA
83
Ω
6V DC
50mA
120
Ω
9V DC
33.3mA
270
Ω
12V DC
25mA
480
Ω
24V DC
12.5mA
1,920
Ω
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
3V DC
80%V or less of
nominal voltage
(Initial)
80%V or less of
nominal voltage
(Initial)
100mA
100mA
30
Ω
30
Ω
300mW
300mW
130%V of
nominal voltage
5V DC
60mA
60mA
83
Ω
83
Ω
6V DC
50mA
50mA
120
Ω
120
Ω
9V DC
33.3mA
33.3mA
270
Ω
270
Ω
12V DC
25mA
25mA
480
Ω
480
Ω
24V DC
12.5mA
12.5mA
1,920
Ω
1,920
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com