Electronic Components Datasheet Search
  English  ▼

X  

2SD1615 Datasheet(PDF) 2 Page - NEC

Part # 2SD1615
Description  NPN SILICON EPITAXIAL TRANSISTORS POWER MINI MOLD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SD1615 Datasheet(HTML) 2 Page - NEC

  2SD1615 Datasheet HTML 1Page - NEC 2SD1615 Datasheet HTML 2Page - NEC 2SD1615 Datasheet HTML 3Page - NEC 2SD1615 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
2SD1615, 2SD1615A
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
without
heatsink
TA – Ambient Temperature – ˚C
0
40
80
120
160
200
2.5
2.0
1.5
1.0
0.5
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
100
80
60
40
20
02
4
6
8
10
300 A
µ
200 A
µ
200 A
µ
150 A
µ
100 A
µ
IB = 50 A
µ
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VCE – Collector to Emitter Voltage – V
1000
500
200
100
50
20
10
5
0.01 0.02
0.05 0.1 0.2
0.5
1
2
5
10
IC – Collector Current – A
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 2.0 V
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
3.0 mA
2.5 mA
2.0 mA
1.5 mA
1.0 mA
IB = 0.5 mA
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
VCE(sat) – Collector Saturation Voltage – V
2
1
0.5
0.2
0.1
0.05
0.02
0.01 0.02
0.05 0.1 0.2
0.5
1
2
5
10
IC – Collector Current – A
COLLECTOR AND BASE SATURATION
VOLTAGE vs. COLLECTOR CURRENT
3.5
mA
4.0
mA
5.0 mA
4.5 mA
IC = 20·IB
VCE(sat)
VBE(sat)
SAFE OPERATING AREA
(TRANSIENT THERMAL RESISTANCE
METHOD)
1 pulse
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
1
2
5
10
20
50
100
VCE – Collector to Emitter Voltage – V
200
ms
DC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com