Electronic Components Datasheet Search
  English  ▼

X  

NX5321 Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX5321
Description  1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH InGaAsP MQW-FP LASER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX5321 Datasheet(HTML) 1 Page - California Eastern Labs

  NX5321 Datasheet HTML 1Page - California Eastern Labs NX5321 Datasheet HTML 2Page - California Eastern Labs NX5321 Datasheet HTML 3Page - California Eastern Labs NX5321 Datasheet HTML 4Page - California Eastern Labs NX5321 Datasheet HTML 5Page - California Eastern Labs NX5321 Datasheet HTML 6Page - California Eastern Labs NX5321 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LASER DIODE
NX5321 Series
1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH
InGaAsP MQW-FP LASER DIODE
Document No. PL10739EJ01V0DS (1st edition)
Date Published December 2008 NS
DESCRIPTION
The NX5321 Series is a 1 310 nm Multiple Quantum Well (MQW)
structured Fabry-Perot (FP) laser diode with InGaAs monitor PIN-PD. These
devices are designed for application up to 1.25 Gb/s.
APPLICATIONS
• STM-1 (I-1, S-1.1), STM-4 (I-4, S-4.1), ITU-T recommendations
• FTTH P2P (Fiber To The Home Point to Point) system
FEATURES
• Optical output power
Po = 5.0 mW
• Low threshold current
lth = 7 mA
• Differential efficiency
ηd = 0.3 W/A
• Wide operating temperature range TC =
−40 to +85°C
• InGaAs monitor PIN-PD
• CAN package
φ 5.6 mm
• Fiber coupling point
5.8 mm
2008


Similar Part No. - NX5321

ManufacturerPart #DatasheetDescription
logo
NEC
NX5321 NEC-NX5321 Datasheet
87Kb / 7P
1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX5321 RENESAS-NX5321 Datasheet
237Kb / 9P
LASER DIODE
2009
logo
NEC
NX5321EH NEC-NX5321EH Datasheet
87Kb / 7P
1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX5321EH RENESAS-NX5321EH Datasheet
237Kb / 9P
LASER DIODE
2009
logo
NEC
NX5321EK NEC-NX5321EK Datasheet
87Kb / 7P
1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH InGaAsP MQW-FP LASER DIODE
More results

Similar Description - NX5321

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5310 CEL-NX5310 Datasheet
342Kb / 5P
NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/S AND FTTH APPLICATIONS
NX5312 CEL-NX5312 Datasheet
347Kb / 5P
NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/s APPLICATIONS
NX5310 CEL-NX5310_06 Datasheet
293Kb / 7P
1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH InGaAsP MQW-FP LASER DIODE
NX5312 CEL-NX5312_06 Datasheet
285Kb / 7P
1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5321 NEC-NX5321 Datasheet
87Kb / 7P
1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH InGaAsP MQW-FP LASER DIODE
NX5322 NEC-NX5322 Datasheet
94Kb / 7P
1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
California Eastern Labs
NX5322 CEL-NX5322 Datasheet
190Kb / 7P
1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
NX5304 CEL-NX5304 Datasheet
167Kb / 5P
NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
logo
Renesas Technology Corp
NX6308GH RENESAS-NX6308GH_15 Datasheet
221Kb / 9P
1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
PL10692EJ03V0DS RENESAS-PL10692EJ03V0DS Datasheet
221Kb / 9P
1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com