Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G123 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74LVC1G123
Description  Single retriggerable monostable multivibrator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G123 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74LVC1G123 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G123 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G123 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G123 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G123 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G123 Datasheet HTML 14Page - NXP Semiconductors 74LVC1G123 Datasheet HTML 15Page - NXP Semiconductors 74LVC1G123 Datasheet HTML 16Page - NXP Semiconductors 74LVC1G123 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
74LVC1G123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 27 November 2013
13 of 31
NXP Semiconductors
74LVC1G123
Single retriggerable monostable multivibrator; Schmitt trigger inputs
[1]
Typical values are measured at Tamb =25 C and VCC = 1.8 V, 2.5 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPHL and tPLH; tt is the same as tTHL and tTLH
[3]
For other REXT and CEXT combinations see Figure 12, Figure 13 and Figure 14. If CEXT > 10 nF, the next formula is valid.
tW =K  REXT  CEXT, where:
tW = typical output pulse width in ns;
REXT = external resistor in k;
CEXT = external capacitor in pF;
K = constant = 1; see Figure 15 for typical ”K” factor as function of VCC.
CPD
power
dissipation
capacitance
VI = GND to VCC; CEXT = 0 pF;
REXT = 5 k
VCC = 1.8 V
-
35
-
-
-
pF
VCC = 2.5 V
-
35
-
-
-
pF
REXT = 1 k
VCC = 3.3 V
-
27
-
-
-
pF
VCC = 5.0 V
-
29
-
-
-
pF
Table 9.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 18.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com