Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G123DP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC1G123DP
Description  Single retriggerable monostable multivibrator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G123DP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC1G123DP Datasheet HTML 3Page - NXP Semiconductors 74LVC1G123DP Datasheet HTML 4Page - NXP Semiconductors 74LVC1G123DP Datasheet HTML 5Page - NXP Semiconductors 74LVC1G123DP Datasheet HTML 6Page - NXP Semiconductors 74LVC1G123DP Datasheet HTML 7Page - NXP Semiconductors 74LVC1G123DP Datasheet HTML 8Page - NXP Semiconductors 74LVC1G123DP Datasheet HTML 9Page - NXP Semiconductors 74LVC1G123DP Datasheet HTML 10Page - NXP Semiconductors 74LVC1G123DP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
74LVC1G123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 27 November 2013
7 of 31
NXP Semiconductors
74LVC1G123
Single retriggerable monostable multivibrator; Schmitt trigger inputs
10. Static characteristics
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 40 C to +85 C[1]
VOH
HIGH-level
output voltage
VI = VT+ or VT
IO = 100 A; VCC =1.65V to 5.5V
VCC  0.1 -
-
V
IO = 4 mA; VCC =1.65V
1.2
-
-
V
IO = 8 mA; VCC =2.3 V
1.9
-
-
V
IO = 12 mA; VCC = 2.7 V
2.2
-
-
V
IO = 24 mA; VCC = 3.0 V
2.4
-
-
V
IO = 32 mA; VCC = 4.5 V
3.8
-
-
V
VOL
LOW-level
output voltage
VI = VT+ or VT
IO = 100 A; VCC = 1.65 V to 5.5 V
-
-
0.1
V
IO = 4 mA; VCC = 1.65 V
-
-
0.45
V
IO = 8 mA; VCC = 2.3 V
-
-
0.3
V
IO = 12 mA; VCC = 2.7 V
-
-
0.4
V
IO = 24 mA; VCC = 3.0 V
-
-
0.55
V
IO = 32 mA; VCC = 4.5 V
-
-
0.55
V
II
input leakage
current
VI =5.5 V orGND; VCC =0Vto5.5 V
-
-
2
A
IOFF
power-off
leakage current
VI or VO = 5.5 V; VCC = 0 V
-
-
2
A
ICC
supply current
VI =5.5 V orGND;
Quiescent; VCC = 1.65 V to 5.5 V; IO =0A
-
0.1
10
A
Active state; REXT/CEXT = 0.5VCC
VCC =1.65V
-
-
80
A
VCC =2.3 V
-
-
130
A
VCC =3V
-
-
240
A
VCC =4.5 V
-
-
400
A
VCC =5.5 V
-
-
650
A
CI
input
capacitance
-2.0
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com