Electronic Components Datasheet Search
  English  ▼

X  

SS1A Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SS1A
Description  SURFACE MOUNT SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SS1A Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SS1A Datasheet HTML 1Page - EIC discrete Semiconductors SS1A Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS1A - SS1M
SURFACE MOUNT
SUPER FAST RECTIFIERS
PRV : 50 - 1000 Volts
Io : 1.0 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Super fast recovery time
MECHANICAL DATA :
* Case : SMA Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.064 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
SS1A
SS1B
SS1C
SS1D
SS1E
SS1G
SS1J
SS1K
SS1M
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
800
1000
Volts
Maximum Average Forward Current Ta = 55
°C
IF(AV)
1.0
Amp.
Peak Forward Surge Current
8.3 ms. Single half sine wave Superimposed
on rated load (JEDEC Method)
IFSM
30
Amps.
Maximum Peak Forward Voltage at IF = 1.0 Amp.
VF
0.95
1.4
1.7
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
5
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
35
ns
Typical Junction Capacitance ( Note 2 )
CJ
50
pf
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
UPDATE : JULY 24, 1998
RATING
2.0
± 0.2
2.1
± 0.2
SMA (DO-214AC)
1.2
± 0.2
2.6
± 0.15
Dimensions in millimeter
1.1
± 0.3
0.2
± 0.07


Similar Part No. - SS1A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SS1A GOOD-ARK-SS1A Datasheet
181Kb / 2P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
SynSemi, Inc.
SS1A SYNSEMI-SS1A Datasheet
35Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Jinan Jingheng (Group) ...
SS1A JINANJINGHENG-SS1A Datasheet
70Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SS1A GULFSEMI-SS1A Datasheet
147Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
logo
EIC discrete Semiconduc...
SS1A EIC-SS1A Datasheet
40Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
More results

Similar Description - SS1A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SS5A EIC-SS5A Datasheet
41Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SynSemi, Inc.
MURA130 SYNSEMI-MURA130 Datasheet
44Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES2A WEITRON-ES2A Datasheet
45Kb / 2P
Surface Mount Super Fast Rectifiers
logo
EIC discrete Semiconduc...
SS3A EIC-SS3A_05 Datasheet
43Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES3AB WEITRON-ES3AB_11 Datasheet
191Kb / 3P
Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFAS801G TSC-SFAS801G_14 Datasheet
385Kb / 4P
Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES2AA GOOD-ARK-ES2AA_15 Datasheet
407Kb / 2P
super fast surface mount rectifiers
logo
Anova Technologies CO.,...
ES3B ANOVA-ES3B Datasheet
296Kb / 2P
Surface Mount Super Fast Rectifiers
logo
ON Semiconductor
US2AA ONSEMI-US2AA Datasheet
246Kb / 5P
Super Fast Surface Mount Rectifiers
February, 2021 ??Rev. 4
US1AFA ONSEMI-US1AFA Datasheet
204Kb / 5P
Super Fast Surface Mount Rectifiers
January, 2021 ??Rev. 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com