Electronic Components Datasheet Search
  English  ▼

X  

EMH2 Datasheet(PDF) 2 Page - Rohm

Part # EMH2
Description  NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMH2 Datasheet(HTML) 2 Page - Rohm

  EMH2 Datasheet HTML 1Page - Rohm EMH2 Datasheet HTML 2Page - Rohm EMH2 Datasheet HTML 3Page - Rohm EMH2 Datasheet HTML 4Page - Rohm EMH2 Datasheet HTML 5Page - Rohm EMH2 Datasheet HTML 6Page - Rohm EMH2 Datasheet HTML 7Page - Rohm EMH2 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMH2 / UMH2N / IMH2A
lAbsolute maximum ratings
(Ta = 25°C)
<For Tr1 and Tr2 in common>
Supply voltage
Input voltage
Output current
Collector current
Power dissipation
Junction temperature
Range of storage temperature
lElectrical characteristics
(Ta = 25°C)
<For Tr1 and Tr2 in common>
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference footprint
*3 120mW per element must not be exceeded.
*4 200mW per element must not be exceeded.
Parameter
Symbol
Values
Unit
VCC
50
V
VIN
-
10 to +40
V
IO
30
mA
IC(MAX.)*1
100
mA
EMH2 / UMH2N
PD *2
150 (Total)*3
mW
IMH2A
300 (Total)*4
mW
Tj
150
°C
Tstg
-
55 to +150
°C
Parameter
Symbol
Conditions
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = 5V, IO = 100mA
-
-
V
VI(on)
VO = 0.3V, IO = 2mA
3.0
-
-
0.5
V
Input current
II
VI = 5V
-
-
0.18
mA
Output voltage
VO(on)
IO / II = 10mA / 0.5mA
-
0.1
0.3
m
A
DC current gain
GI
VO = 5V, IO = 5mA
68
-
-
-
Output current
IO(off)
VCC = 50V, VI = 0V
-
-
0.5
kW
Resistance ratio
R2/R1
-
0.8
1
1.2
-
Input resistance
R1
-
32.9
47
61.1
MHz
Transition frequency
fT *1
VCE = 10V, IE = -5mA,
f = 100MHz
-
250
-
2/7
2012.06 - Rev.C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com