Electronic Components Datasheet Search
  English  ▼

X  

L9352B-LF Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9352B-LF
Description  Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352B-LF Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9352B-LF Datasheet HTML 18Page - STMicroelectronics L9352B-LF Datasheet HTML 19Page - STMicroelectronics L9352B-LF Datasheet HTML 20Page - STMicroelectronics L9352B-LF Datasheet HTML 21Page - STMicroelectronics L9352B-LF Datasheet HTML 22Page - STMicroelectronics L9352B-LF Datasheet HTML 23Page - STMicroelectronics L9352B-LF Datasheet HTML 24Page - STMicroelectronics L9352B-LF Datasheet HTML 25Page - STMicroelectronics L9352B-LF Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Timing diagrams
L9352B
22/27
Figure 10.
Pulsed open load conditions (regulated and non-regulated channels)
5.2
Regulated channels (timing diagrams of diagnostic with
2kHz PWM input signal)
Figure 11.
Normal condition, inductive load
99AT0067
V
IN
V
Q
0.33 x V
S
V
ST
t
D
I
Q
t
lf
t
lf
99AT0068
V
IN
V
Q
I
Q
t
DREG
V
ST
500
μs
Target Current
256
μs
256
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com