Electronic Components Datasheet Search
  English  ▼

X  

ULCE Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # ULCE
Description  ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

ULCE Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  ULCE Datasheet HTML 1Page - EIC discrete Semiconductors ULCE Datasheet HTML 2Page - EIC discrete Semiconductors ULCE Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Reverse
Maximum
Maximum
Maximum
Maximum
W orking
Max. Inverse
Peak Inverse
Breakdown Voltage @ It
Stand-off
Reverse
Clamping
Reverse
Junction
Inverse
Blocking
Blocking
Voltage
Leakage
Voltage
Current
Capacitance
Blocking
Current
Voltage
@ VRWM
@ IRSM
@ 0 Volt
Voltage
@ VW IB
VBR (V)
It
VRWM
IR
VRSM
IRSM
VW IB
IIB
VPIB
Min.
Max.
(mA)
(V)
(
µA)
(V)
(A)
pF
(V)
mA
(V)
ULCE45
50.0
61.1
1.0
45
5.0
80.3
18.7
35
150
1.0
200
ULCE45A
50.0
55.3
1.0
45
5.0
72.7
20.6
35
150
1.0
200
ULCE48
53.3
65.1
1.0
48
5.0
85.5
17.5
35
150
1.0
200
ULCE48A
53.3
58.9
1.0
48
5.0
77.4
19.4
35
150
1.0
200
ULCE51
56.7
69.3
1.0
51
5.0
91.1
16.5
35
150
1.0
200
ULCE51A
56.7
62.7
1.0
51
5.0
82.4
18.2
35
150
1.0
200
ULCE54
60.0
73.3
1.0
54
5.0
96.3
15.6
35
150
1.0
200
ULCE54A
60.0
66.3
1.0
54
5.0
87.1
17.2
35
150
1.0
200
ULCE58
64.4
78.7
1.0
58
5.0
103
14.6
35
150
1.0
200
ULCE58A
64.4
71.2
1.0
58
5.0
93.6
16
35
150
1.0
200
ULCE60
66.7
81.5
1.0
60
5.0
107
14
35
150
1.0
200
ULCE60A
66.7
73.7
1.0
60
5.0
96.8
15.5
35
150
1.0
200
ULCE64
71.1
86.9
1.0
64
5.0
114
13.2
35
150
1.0
200
ULCE64A
71.1
78.6
1.0
64
5.0
103
14.6
35
150
1.0
200
ULCE70
77.8
95.1
1.0
70
5.0
125
12.0
35
150
1.0
200
ULCE70A
77.8
86.0
1.0
70
5.0
113
13.3
35
150
1.0
200
ULCE75
83.3
102
1.0
75
5.0
134
11.2
35
150
1.0
200
ULCE75A
83.3
92.1
1.0
75
5.0
121
12.4
35
150
1.0
200
ULCE80
88.7
108
1.0
80
5.0
142
10.6
35
150
1.0
200
ULCE80A
88.7
98.0
1.0
80
5.0
129
11.6
35
150
1.0
200
ULCE90
100
122
1.0
90
5.0
160
9.4
35
300
1.0
200
ULCE90A
100
111
1.0
90
5.0
146
10.3
35
300
1.0
200
FIG.1 - PEAK PULSE POWER RATING CURVE
FIG.2 - PULSE DERATING CURVE
FIG.3 - PULSE WAVEFORM
TYPE
NUMBER
100
10
0.1
1.0
tp, PULSE W IDTH
0.1
µs
1.0
µs
10
µs
100
µs
10ms
1.0ms
80
60
40
20
120
0
100
0
25
75
50
100
125
150
175
Peak Power
(single Pulse)
Average Power
Lead Lengths
0.375"(9.5mm)
TL, LEAD TEMPERATURE (
°C)
50
100
0
Tf = 10
µs
Peak Value
IRMS
Half Value - IRMS
TJ=25
°C
Pulse W idth (tp) is defined
as that point where the peak
current decays to 50%
of IRSM
10X1000 W aveform
as defined by R.E.A.
T, TIME(ms)
2
tp
1
0
2
3
4
100ms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com