Electronic Components Datasheet Search
  English  ▼

X  

MASWSS0091 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0091
Description  GaAs SP6T 2.5 V High Power Switch Dual / Tri / Quad-Band GSM Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0091 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0091 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0091 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0091 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0091 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GaAs SP6T 2.5 V High Power Switch
Dual / Tri / Quad-Band GSM Applications
Rev. V7
MASWSS0091
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
TX Insertion Loss
TX - RX Isolation
-90
-85
-80
-75
-70
-65
-60
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Vctrl (V)
+25°C
+85°C
-40°C
-90
-85
-80
-75
-70
-65
-60
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Vctrl (V)
+25°C
+85°C
-40°C
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
F requency (GHz)
+25°C
+85°C
-40°C
0.0
0.4
0.8
1.2
1.6
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
+25°C
+85°C
-40°C
30
35
40
45
50
55
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
F re que nc y ( G H z)
+25°C
+85°C
-40°C
3rd Harmonic vs. Vctrl @ 1 GHz, Pin = +35 dBm,
100% Duty Cycle
RX Insertion Loss
2nd Harmonic vs. Vctrl @ 1 GHz, Pin = +35 dBm,
100% Duty Cycle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com