Electronic Components Datasheet Search
  English  ▼

X  

HD64F3664 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # HD64F3664
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F3664 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button HD64F3664 Datasheet HTML 35Page - Renesas Technology Corp HD64F3664 Datasheet HTML 36Page - Renesas Technology Corp HD64F3664 Datasheet HTML 37Page - Renesas Technology Corp HD64F3664 Datasheet HTML 38Page - Renesas Technology Corp HD64F3664 Datasheet HTML 39Page - Renesas Technology Corp HD64F3664 Datasheet HTML 40Page - Renesas Technology Corp HD64F3664 Datasheet HTML 41Page - Renesas Technology Corp HD64F3664 Datasheet HTML 42Page - Renesas Technology Corp HD64F3664 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 446 page
background image
Section 1 Overview
Rev. 6.00 Mar. 24, 2006 Page 9 of 412
REJ09B0142-0600
1.4
Pin Functions
Table 1.1
Pin Functions
Pin No.
H8/3664
H8/3664N
Type
Symbol
FP-64E,
FP-64A
FP-48F,
FP-48B
DP-42S
FP-64E
I/O
Functions
Power source
pins
V
CC
12
10
14
12
Input
Power supply pin. Connect this pin to the
system power supply.
V
SS
9
7
11
9
Input
Ground pin. Connect all these pins to the
system power supply (0V).
AV
CC
3
1
5
3
Input
Analog power supply pin for the A/D
converter. When the A/D converter is not
used, connect this pin to the system
power supply.
V
CL
6
4
8
6
Input
Internal step-down power supply pin.
Connect a capacitor of around 0.1
µF
between this pin and the Vss pin for
stabilization.
Clock pins
OSC1
11
9
13
11
Input
OSC2
10
8
12
10
Output
These pins connect to a crystal or ceramic
resonator for system clocks, or can be
used to input an external clock.
These pins can be used to input an
external clock.
See section 5, Clock Pulse Generators,
for a typical connection.
X1
5
3
7
5
Input
For connection to a 32.768 kHz crystal
resonator for subclocks.
See section 5, Clock Pulse Generators,
for a typical connection.
X2
4
2
6
4
Output
System control
RES
7
5
9
7
Input
Reset pin. When this driven low, the chip
is reset.
TEST
8
6
10
8
Input
Test pin. Connect this pin to Vss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com