Electronic Components Datasheet Search
  English  ▼

X  

MIC2111AYML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2111AYML
Description  Single-Phase, Multi-Mode, High-Performance, Step-Down PWM Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2111AYML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2111AYML Datasheet HTML 1Page - Micrel Semiconductor MIC2111AYML Datasheet HTML 2Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MIC2111
Single-Phase, Multi-Mode,
High-Performance, Step-Down PWM
Controller
PRELIMINARY
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 11, 2014
Revision 1.0
General Description
Micrel’s MIC2111 is a programmable-frequency, valley-
current/voltage-mode PWM controller that provides the
control and protection features necessary for a high-
current, step-down DC-to-DC converter. The MIC2111 is
compatible with power devices and drivers which use
current sensing across the inductor. MIC2111 can provide
single tri-state or dual non-tri-state PWM logic signals to
work with either power-stage modules or discrete driver
MOSFETs. MIC2111 has precision enable and power
good (PG) functions for sequencing of multiple power
supply.
The MIC2111 frequency can be programmed from 200kHz
to 2MHz to optimize system size and system efficiency.
The device operates in power-saving mode at light loads
by reducing the switching frequency. The device can be
configured to operate outside audio range
when the
external power stage is configured for light load mode. The
MIC2111 uses differential current sensing for better
current-limit accuracy and also includes a dedicated
differential amplifier for remote output sensing to provide a
more
accurate
output.
MIC2111
has
a
high-gain
transconductance
amplifier
for
loop
compensation.
External slope compensation can be added through a
resistor to avoid sub-harmonic oscillations. The MIC2111
has
programmable
OCP,
OVP,
and
thermal
OTP
protections as well as a dedicated FAULT pin for accurate
system startup/stop in fault conditions.
The MIC2111 is available in a 20-pin 3mm × 3mm TQFN
package and has a junction temperature range of –40
°C to
+125
°C.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• Single 3.3V or 5V supply
• Supports load currents more than 50A
• Programmable valley-current/voltage-mode PWM
architecture
• 3.3V logic PWM outputs compatible with power-stage
modules and DrMOS modules
• Single tri-state PWM output
• Programmable switching frequency: 200kHz to 2MHz.
• Differential remote sensing for output voltage and
inductor current
• 0.6V reference voltage with total ±1% accuracy for
output
• Adjustable soft-start/soft-stop and pre-biased safe
startup.
• Supports light load and outside audio modes
• Programmable
slope
compensation
and
loop
compensation
• Enable input, power-good (PG) output for sequencing
• Programmable OCP, OVP, OTP, and dedicated FAULT
pin for system safe startup/stop
• Internal thermal shutdown and UVLO
• –40°C to +125°C junction temperature range
• Available in 20-pin 3mm × 3mm TQFN package
Applications
• Servers and work stations
• Routers, switches and networking/telecom infrastructure
• Printers, scanners, graphics and video cards
Ordering Information
Part Number
Switching
Frequency
Junction
Temperature Range
Current-Sense
Gain
Package
Lead Finish
MIC2111AYML
200kHz to 2MHz
−40°C to +125°C
1 V/V
20-Pin 3mm × 3mm TQFN
Pb-Free
MIC2111BYML
200kHz to 2MHz
−40°C to +125°C
30 V/V
20-Pin 3mm × 3mm TQFN
Pb-Free


Similar Part No. - MIC2111AYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2111B MICREL-MIC2111B Datasheet
3Mb / 35P
High-Performance, Multi-Mode, Step-Down Controller
MIC2111BYMT MICREL-MIC2111BYMT Datasheet
3Mb / 35P
High-Performance, Multi-Mode, Step-Down Controller
More results

Similar Description - MIC2111AYML

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1144 SEMTECH-SC1144 Datasheet
156Kb / 11P
PROGRAMMABLE, HIGH PERFORMANCE MULTI-PHASE, PWM CONTROLLER
SC1146 SEMTECH-SC1146 Datasheet
148Kb / 10P
VRM9.0 PROGRAMMABLE, MULTI-PHASE, HIGH PERFORMANCE PWM CONTROLLER
logo
Linear Technology
LTC3720 LINER-LTC3720 Datasheet
301Kb / 24P
Single Phase VRM8.5 Current Mode Step-Down Controller
logo
Texas Instruments
TPS53819A TI-TPS53819A Datasheet
971Kb / 43P
High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
logo
Anpec Electronics Corop...
APW7199 ANPEC-APW7199 Datasheet
463Kb / 24P
High-Performance Step-Down PWM Controller with PFM
logo
Linear Technology
LTC3720 LINER-LTC3720_15 Datasheet
301Kb / 24P
Single Phase VRM8.5 Current Mode Step-Down Controller
logo
Texas Instruments
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
logo
Micrel Semiconductor
MIC2111B MICREL-MIC2111B Datasheet
3Mb / 35P
High-Performance, Multi-Mode, Step-Down Controller
logo
Diodes Incorporated
AP3118 DIODES-AP3118 Datasheet
1Mb / 17P
HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
Rev 5
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
High Performance, Single Synchronous Step-Down Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com