Electronic Components Datasheet Search
  English  ▼

X  

MIC2358 Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2358
Description  IEEE 802.3af Octal Power Sourcing Equipment Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2358 Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2358 Datasheet HTML 17Page - Micrel Semiconductor MIC2358 Datasheet HTML 18Page - Micrel Semiconductor MIC2358 Datasheet HTML 19Page - Micrel Semiconductor MIC2358 Datasheet HTML 20Page - Micrel Semiconductor MIC2358 Datasheet HTML 21Page - Micrel Semiconductor MIC2358 Datasheet HTML 22Page - Micrel Semiconductor MIC2358 Datasheet HTML 23Page - Micrel Semiconductor MIC2358 Datasheet HTML 24Page - Micrel Semiconductor MIC2358 Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Micrel, Inc.
MIC2358YLQ
July 2010
21
M9999-070810
Port Voltage Register
SMBus Address: 0x04, 0x0C, 0x14, 0x1C, 0x24, 0x2C, 0x34, 0x3C
Read Only
The Voltage register holds the 8-bit value of the measured port voltage. The LSB is equivalent to 0.25V. The register is
only valid if the monitor bit of the port option register is set; otherwise it reads as 0x00.
Port Current Register
SMBus Address: 0x05, 0x0D, 0x15, 0x1D, 0x25, 0x2D, 0x35, 0x3D
Read Only
The Current register holds the 8-bit value of the measured port current. The LSB is equivalent to 2mA. The register is
only valid if the monitor bit of the port OPTION register is set; otherwise it reads as 0x00.
Port Status Register
SMBus Address: 0x06, 0x0E, 0x16, 0x1E, 0x26, 0x2E, 0x36, 0x3E
Read Only
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
pse_status
pd_class
Name
Description
pse_status
Indicates the port PSE Status bits from the Table 33-16 of
IEEE Std 802.3af
. Possible values are shown below
pd_class
Indicates the class of a detected PD. Possible values are shown below. (Note 1)
PSE Status
Status
Value
Disabled
000
Searching
001
Delivering Power
010
Test mode
011
Test error
100
Implementation specific fault
101
Reserved
110
Reserved
111
PD Class
Class
Value
Class 0
000
Class 1
001
Class 2
010
Class 3
011
Class 4
100
Note:
1. Per IEEE Std 802.3af, PD class defaults to 0 if classification is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com