Electronic Components Datasheet Search
  English  ▼

X  

MIC5283YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5283YML
Description  Ultra-Low IQ, High-PSRR Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5283YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5283YML Datasheet HTML 1Page - Micrel Semiconductor MIC5283YML Datasheet HTML 2Page - Micrel Semiconductor MIC5283YML Datasheet HTML 3Page - Micrel Semiconductor MIC5283YML Datasheet HTML 4Page - Micrel Semiconductor MIC5283YML Datasheet HTML 5Page - Micrel Semiconductor MIC5283YML Datasheet HTML 6Page - Micrel Semiconductor MIC5283YML Datasheet HTML 7Page - Micrel Semiconductor MIC5283YML Datasheet HTML 8Page - Micrel Semiconductor MIC5283YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Micrel, Inc.
MIC5283
March 2012
3
M9999-030812-A
Pin Description
Pin Number
Adjustable
Output
Fixed Output
Name
Function
1
1
VIN
Supply Voltage Input. Connect 1µF capacitor from VIN to GND.
2, 3, 7
2, 3, 7
NC
Not internally connected. Connect NC to GND or leave unconnected.
4
4
CPSRR
Bypass Capacitor Connection. Connect 0.1µF capacitor from CPSRR to GND.
5
5
GND
Ground.
6
—
FB
Feedback Connection. For external resistor divider to set VOUT.
—
6
SNS
Sense input. Connect SNS to VOUT.
8
8
VOUT
Regulator Output. Connect 10µF capacitor from VOUT to GND.
EP
EP
EP
Exposed Pad (ePad) for Thermal Dissipation. Connect EP to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com