Electronic Components Datasheet Search
  English  ▼

X  

EL2002CM Datasheet(PDF) 5 Page - Elantec Semiconductor

Part # EL2002CM
Description  Low Power, 180 MHz Buffer Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2002CM Datasheet(HTML) 5 Page - Elantec Semiconductor

  EL2002CM Datasheet HTML 1Page - Elantec Semiconductor EL2002CM Datasheet HTML 2Page - Elantec Semiconductor EL2002CM Datasheet HTML 3Page - Elantec Semiconductor EL2002CM Datasheet HTML 4Page - Elantec Semiconductor EL2002CM Datasheet HTML 5Page - Elantec Semiconductor EL2002CM Datasheet HTML 6Page - Elantec Semiconductor EL2002CM Datasheet HTML 7Page - Elantec Semiconductor EL2002CM Datasheet HTML 8Page - Elantec Semiconductor EL2002CM Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EL2002C
Low Power 180 MHz Buffer Amplifier
Typical Performance Curves
Contd
vs Load Capacitance
Slew Rate
for Various Resistive Loads
Voltage Gain vs Frequency
Capacitive Loads RL e 100X
vs Frequency for Various
Voltage Gain
Capacitive Loads RL e %
vs Frequency for Various
Voltage Gain
for Various Capacitive Loads
Phase Shift vs Frequency
vs Supply Voltage
b
3 dB Bandwidth
vs Frequency
Power Supply Rejection Ratio
Output Impedance vs Frequency
Reverse Isolation vs Frequency
2002 – 5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com