Electronic Components Datasheet Search
  English  ▼

X  

EL2003CM Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL2003CM
Description  100MHz Video Line Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2003CM Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL2003CM Datasheet HTML 4Page - Elantec Semiconductor EL2003CM Datasheet HTML 5Page - Elantec Semiconductor EL2003CM Datasheet HTML 6Page - Elantec Semiconductor EL2003CM Datasheet HTML 7Page - Elantec Semiconductor EL2003CM Datasheet HTML 8Page - Elantec Semiconductor EL2003CM Datasheet HTML 9Page - Elantec Semiconductor EL2003CM Datasheet HTML 10Page - Elantec Semiconductor EL2003CM Datasheet HTML 11Page - Elantec Semiconductor EL2003CM Datasheet HTML 12Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
EL2003C, EL2033C
100MHz Video Line Driver
The thermal resistance junction to case is 50°C/W for
the plastic DIP. A suitable heat sink will increase the
power dissipation capability significantly beyond that of
the package alone. Several companies make standard
heat sinks for both packages. Aavid and Thermalloy heat
sinks have been used successfully.
Parallel Operation
If more than 100mA output is required or if heat man-
agement is a problem, several EL2003C or EL2033Cs
may be paralleled together. The result is as though each
device was driving only part of the load. For example, if
two units are paralleled then a 50
Ω load looks like 100Ω
to each EL2003C. Parallel operation results in lower
input and output impedances, increased bias current but
no increase in offset voltage. An example showing three
EL2003Cs in parallel and also the addition of a FET
input buffer stage is shown below. By using a dual FET
the circuit complexity is minimal and the performance is
excellent. Take care to minimize the stray capacitance at
the input of the EL2003Cs for maximum slew rate and
bandwidth.
Resistive Loads
The DC gain of the EL2003C and EL2033C is the prod-
uct of the unloaded gain (0.995) and the voltage divider
formed by the device output resistance and the load
resistance.
The high frequency response of the EL2003C and
EL2033C varies with the value of the load resistance as
shown in the characteristic curves. If the 100MHz peak-
ing is undesirable when driving load resistors greater
than 50
Ω, an RC snubber circuit can be used from the
output to ground. The snubber circuit works by present-
ing a high frequency load resistance of less than 50
Ω
while having no loading effect at low frequencies.
FET Input Buffer with High Output Currents
Parallel Operation
IOUT ≥ ±300 mA
ROUT 2Ω
BW 100MHz
SR = 1000V/µs
J1, J2 2N5911 Dual FET
R1, R2 Offset Adjust
AV
0.995
RL
RL ROUT
+
------------------------------
×
=
Small Signal Response
RL = 50Ω, CL = 10pF, VS = ±15V
Top is VIN, Bottom is VOUT
Large Signal Response
RL = 100Ω, CL = 10pF, VS = ±15V
Top is VIN, Bottom is VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com