Electronic Components Datasheet Search
  English  ▼

X  

PLCC Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # PLCC
Description  High Brightness Red LEDs with a PLCC4 and PLCC6 Package!
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

PLCC Datasheet(HTML) 1 Page - Panasonic Battery Group

  PLCC Datasheet HTML 1Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PLCC4 & PLCC6 Packaged LED
New PLCC LED Series
Panasonic
New Product Introduction
High Brightness Red LEDs with a PLCC4 and PLCC6 Package!
Panasonic, a worldwide leader in Semiconductor Products, is pleased to introduce the
NEW PLCC
LED Series! These PLCC packaged, surface mount LEDs can be driven at higher current levels than
traditional LEDs. Using a long lifetime ALGalnP chip, these LEDs exhibit low luminous degradation and
can withstand a wide range of temperatures, from -40 to +105○C, making them ideal for usage for indoor/
outdoor signage and automotive applications.
• High Reliability PLCC Package
• AlGalnP Chip
• PLCC4: DC 70mA, PLCC6: DC 200mA
• RoHS Compliant
• High Temperature Operation (-40 to +105○C)
• Long Lifetime
• Low Luminous Degradation
• Can Be Driven at Higher Current Levels
• Amusement
• Automotive
• Signage
• Indicator Light
• Rear Stop Light
• Emergency Light
Website: http://us.panasonic.com/industrial
industrial@us.panasonic.com
1-800-344-2112
Copyright © 2013 Panasonic Corporation of North America.
All Rights Reserved. Specifications are subject to change without notice.
PLCC LED Series NPI, FY13-095-XXX
Features
Benefits
Industries
Applications
Part Number Information
RoHS
COMPLIANT
For detailed specification information on the PLCC LED
Series, visit our website at:
http://us.panasonic.com/industrial/electronic-components/semiconductor/
Additional Information
C 3 8 R
L N J 8 L 4
A
C 1 8 R
L N J 8 L 6
A
PLCC4
PLCC6


Similar Part No. - PLCC

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PLCC AMKOR-PLCC Datasheet
387Kb / 2P
Amkor?셲 PLCC IC package portfolio provides
PLCC AMKOR-PLCC Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
List of Unclassifed Man...
PLCC ETC-PLCC Datasheet
229Kb / 2P
PLCC SOCKET ~ THROUGH HOLE
logo
Samtec, Inc
PLCC-020-T-N SAMTEC-PLCC-020-T-N Datasheet
372Kb / 1P
SMT DIP CHIP CARRIER SOCKETS
PLCC-068-F-A SAMTEC-PLCC-068-F-A Datasheet
1Mb / 1P
SMT DIP & CHIP CARRIER SOCKETS
More results

Similar Description - PLCC

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
7012X VCC-7012X Datasheet
589Kb / 1P
High Brightness SMT LEDs 0805 Package Size
logo
OptoSupply Internationa...
OSWD4TS4C1A-HCRI OPTOSUPPLY-OSWD4TS4C1A-HCRI Datasheet
116Kb / 1P
High Luminous PLCC6 Top SMD LEDs
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-YTB2-0BB02 AVAGO-ASMT-YTB2-0BB02 Datasheet
970Kb / 15P
High Brightness Tricolor PLCC6 Black Surface LED
logo
KODENSHI_AUK CORP.
KLB-16 KODENSHI-KLB-16 Datasheet
868Kb / 1P
high-brightness red-green-blue smd top view package
L-815 KODENSHI-L-815 Datasheet
843Kb / 1P
high-brightness red-green-blue smd top view package
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1G-Y10DD AVAGO-HLMP-EG1G-Y10DD Datasheet
246Kb / 11P
T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
HLMP-EG1S-Z20DD AVAGO-HLMP-EG1S-Z20DD Datasheet
408Kb / 12P
T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Broadcom Corporation.
ASMT-YTB2-0BB02 BOARDCOM-ASMT-YTB2-0BB02 Datasheet
868Kb / 15P
High Brightness Tricolor PLCC6 Black Surface LED
HLMP-EG1G-Y10DD BOARDCOM-HLMP-EG1G-Y10DD Datasheet
907Kb / 14P
T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Bivar, Inc.
SMTL6-RC BIVAR-SMTL6-RC Datasheet
737Kb / 5P
PLCC6 SMD Top View Package LED SMTL6-RC, RED
Revision A 02/16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com