Electronic Components Datasheet Search
  English  ▼

X  

PQ Datasheet(PDF) 2 Page - Panasonic Battery Group

Part # PQ
Description  1a 5A small size power relay for interface
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

PQ Datasheet(HTML) 2 Page - Panasonic Battery Group

  PQ Datasheet HTML 1Page - Panasonic Battery Group PQ Datasheet HTML 2Page - Panasonic Battery Group PQ Datasheet HTML 3Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
PQ
ASCTB206E 201202-T
RATING
1. Coil data
2. Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. Wave is standard shock voltage of
±1.2×50µs according to JEC-212-1981
*3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
REFERENCE DATA
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
3V DC
75%V or less of
nominal voltage
(Initial)
5%V or more of
nominal voltage
(Initial)
66.7mA
45
Ω
200mW
180%V of
nominal voltage
(at 20
°C 68°F)
130%V of
nominal voltage
(at 70
°C 158°F)
5V DC
40mA
125
Ω
6V DC
33.3mA
180
Ω
9V DC
22.2mA
405
Ω
12V DC
16.7mA
720
Ω
18V DC
11.1mA
1,620
Ω
24V DC
8.3mA
2,880
Ω
Characteristics
Item
Specifications
Contact
Arrangement
1 Form A (Bifurcated)
Contact resistance (Initial)
Max. 50 m
Ω (By voltage drop 6 V DC 1A)
Contact material
Au-clad AgNi type
Rating
Nominal switching capacity (resistive load)
5 A 250 V AC, 5 A 30 V DC
Max. switching power (resistive load)
1,250 VA, 150 W
Max. switching voltage
250 V AC, 110 V DC (0.3 A)
Max. switching current
5 A
Nominal operating power
200 mW
Min. switching capacity (Reference value)*1
100
µA 100mV DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1min. (Detection current: 10mA.)
Between contact and coil
4,000 Vrms for 1min. (Detection current: 10mA.)
Surge breakdown
voltage (Initial)*2
Between contacts and coil
8,000 V
Temperature rise (coil)
Max. 45
°C (By resistive method, nominal coil voltage applied to the coil, contact carrying
current: 5 A, at 70
°C)
Operate time (at 20
°C 68°F) (Initial)
Max. 20 ms (Nominal voltage applied to the coil, excluding contact bounce time.)
Release time (at 20
°C 68°F) (Initial)
Max. 10 ms (Nominal voltage applied to the coil, excluding contact bounce time.)
(without diode)
Mechanical
characteristics
Shock resistance
Functional
294 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 2.0 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 3.5 mm
Expected life
Mechanical
Min. 2
×107 (at 180 times/min.)
Electrical (at 20 times/min.)
Min. 2
×105 (5 A 125 V AC), Min. 105 (5 A 250 V AC), Min. 105 (5 A 30 V DC)
Conditions
Conditions for operation, transport and storage*3
Ambient temperature: –40
°C to 70°C –40°F to 158°F;
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed (at rated load)
20 times/min.
Unit weight
Approx. 7 g .25 oz
1. Max. switching capacity
2. Operate & release time
Tested sample: PQ1a-24V, 25 pcs.
3. Coil temperature rise
Measured portion: Inside the coil
Contact carrying current: 5 A
100
10
5
1
0.3
10
30
Contact voltage, V
AC resistive load
100
250
1,000
DC resistive load
8
6
4
2
0
80
100
120
150
Coil applied voltage, %V
Operate time
Release time
Max.
Min.
Max.
Min.
50
70
60
40
30
20
10
0
100
110
120 130
140
150
160
50
°C
Coil applied voltage,%V
70
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com